MMB02070Z3JB7
AI

The **MMB02070Z3JB7** is a professional-grade **MELF (Metal Electrode Leadless Face)** resistor manufactured by Vishay Beyschlag. It is highly regarded in the electronics industry for its reliability, stability, and high-power handling compared to standard thick-film chip resistors.
---
### 1. Technical Specifications
The part number follows a specific nomenclature. Here are the core technical characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | MELF Resistor (Professional Series) |
| **Package Size** | 0207 (approx. 5.8mm length x 2.2mm diameter) |
| **Resistance Value** | 0 $\Omega$ (Jumper/Link) |
| **Tolerance** | Not applicable (Jumper) |
| **Current Rating** | Up to 5 Amps ($I_{max}$) |
| **Operating Temperature** | -55°C to +155°C |
| **Failure Rate** | < 0.1 x $10^{-9}$/h (extremely reliable) |
---
### 2. Key Features
* **MELF Design:** The cylindrical shape provides superior thermal distribution and mechanical stability against vibration or board flex.
* **Zero-Ohm Jumper:** The "Z" in the part number indicates this is a jumper, used to bridge connections on a PCB while maintaining the same automated assembly profile as other MELF components.
* **Pulse Load Capability:** MELF resistors excel at handling high pulse loads and surges compared to flat-chip resistors.
* **AEC-Q200 Qualified:** This part is suitable for automotive applications, ensuring it can withstand harsh environments.
---
### 3. Comparison: MELF vs. Flat Chip
If you are deciding between this part and a standard SMD resistor, consider the following:
| Feature | MELF (MMB 0207) | Standard SMD (1206/2512) |
| :--- | :--- | :--- |
| **Precision** | Very High | Standard |
| **Stability** | Excellent (Thin Film) | Variable (Thick Film) |
| **Moisture Resistance** | High | Moderate |
| **Placement** | Requires MELF nozzles | Standard nozzles |
---
### 4. Applications
The MMB0207 series is typically found in:
1. **Automotive Electronics:** Engine control units and braking systems.
2. **Industrial Inverters:** Power supplies and high-voltage converters.
3. **Telecommunications:** Base stations and infrastructure equipment where long-term stability is mandatory.
4. **Medical Equipment:** Monitoring devices requiring high reliability.
- ⤷
Why would a designer choose a MELF jumper over a standard 0-ohm chip resistor?
- ⤷ What are the soldering requirements for MELF 0207 packages?
- ⤷ Does the MMB0207 series offer specific resistance values besides the zero-ohm jumper?