MMB02070Z3JB2
AI

The **MMB02070Z3JB2** is a high-performance **MELF (Metal Electrode Leadless Face)** resistor manufactured by **Vishay Beyschlag**. It belongs to the Professional MMB 0207 series, which is known for its reliability and stability in harsh environments.
---
### 1. Technical Specifications
The following table outlines the primary electrical and physical characteristics of this component:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Vishay Beyschlag |
| **Series** | Professional MMB 0207 |
| **Resistance** | 3.3 Ohms ($\Omega$) |
| **Tolerance** | $\pm 5\%$ |
| **Power Rating** | 0.4 W (up to 1.0 W depending on configuration) |
| **Temperature Coefficient** | $\pm 50$ ppm/K |
| **Package / Case** | MELF 0207 (cylindrical) |
| **Maximum Operating Voltage** | 350 V |
| **Operating Temperature** | -55°C to +155°C |
---
### 2. Key Features and Benefits
* **MELF Design:** Unlike standard flat chip resistors (thick film), the cylindrical MELF design offers superior thermal management and structural stability.
* **High Reliability:** These parts are designed for applications where failure is not an option. They exhibit excellent stability under different load conditions.
* **Pulse Loading Capability:** The MMB 0207 series is robust against high pulse loads, making it suitable for power supply circuits.
* **Sulfur Resistance:** The materials used are highly resistant to sulfur-rich environments, preventing corrosion.
---
### 3. Common Applications
Due to its precision and durability, the MMB02070Z3JB2 is typically used in:
* **Automotive Electronics:** Engine control units, lighting systems, and safety sensors.
* **Industrial Equipment:** Power converters, motor drives, and measurement tools.
* **Telecommunications:** Base station equipment and infrastructure power modules.
* **Medical Devices:** Diagnostic equipment requiring long-term stability.
---
### 4. Comparison: MELF vs. Standard SMD
| Feature | MELF (MMB0207) | Standard SMD (Thick Film) |
| :--- | :--- | :--- |
| **Form Factor** | Cylindrical | Rectangular/Flat |
| **Mounting** | Surface Mount (SMD) | Surface Mount (SMD) |
| **Pulse Stability** | High | Low to Moderate |
| **Precision** | Excellent | Average |
- ⤷
What is the difference between MELF and thin-film resistors in terms of manufacturing?
- ⤷ Can this resistor be used in high-frequency RF applications?
- ⤷ What are the recommended soldering profiles for MELF 0207 packages?