MMA-283136-R5
AI

The **MMA-283136-R5** is a high-power, high-linearity **Gallium Arsenide (GaAs)** Pseudomorphic High Electron Mobility Transistor (pHEMT) Monolithic Microwave Integrated Circuit (MMIC) amplifier. It is primarily designed for microwave radio and wireless communication applications.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the MMA-283136-R5:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Frequency Range** | 28.0 – 31.0 GHz |
| **Gain** | 22.0 dB |
| **Output P1dB** | +35.0 dBm (approx. 3.2 Watts) |
| **Saturated Power (Psat)** | +36.0 dBm (approx. 4.0 Watts) |
| **OIP3** | +44.0 dBm |
| **Operating Voltage** | 5.0 – 6.0 V |
| **Quiescent Current (Iq)** | 2800 mA |
| **Package Type** | 5x5mm QFN (Surface Mount) |
---
### 2. Functional Architecture
The device is a multi-stage amplifier integrated onto a single GaAs chip. Its internal structure typically consists of:
* **Input/Output Matching:** The chip includes internal impedance matching circuitry to provide 50-ohm normalization, simplifying PCB design.
* **Power Combined Stages:** To achieve 4 Watts of output power at 30 GHz, the final stage uses power-combing techniques across multiple transistor fingers.
* **Integrated Power Detector:** Many versions of this series include an on-chip directional coupler and diode for output power monitoring.
---
### 3. Application Use Cases
This component is vital for high-frequency data transmission. Common applications include:
1. **5G Infrastructure:** Used in mmWave small cells and base stations.
2. **VSAT Terminals:** Ground stations for satellite communications (Ka-Band).
3. **Point-to-Point Radio:** High-capacity microwave backhaul links.
4. **Military/Aerospace:** Radar and secure communication systems.
---
### 4. Implementation Requirements
To ensure the longevity and performance of the MMA-283136-R5, specific design considerations must be met:
* **Thermal Management:** Because the device draws significant current (up to 3A), it generates substantial heat. A solid copper thermal via array must be placed directly under the package.
* **Biasing Sequence:** pHEMT devices are sensitive. It is often recommended to apply the gate voltage ($V_g$) before the drain voltage ($V_d$) to prevent current spikes.
* **RF Grounding:** Low-inductance grounding is critical at 30 GHz to prevent oscillations and gain instability.
- ⤷
What are the recommended biasing sequences for GaAs pHEMT amplifiers like this?
- ⤷ How does the thermal resistance of the QFN package affect the cooling design?
- ⤷ Can this device be used for Satcom Ka-band uplink applications?