MM1663K
AI

## Overview of the MM1663K
The **MM1663K** is a specialized integrated circuit (IC) developed by Mitsumi (now part of MinebeaMitsumi). It is primarily designed as a **video driver IC** with a built-in low-pass filter, commonly used in consumer electronics to manage analog video signals.
---
### Key Specifications
| Feature | Specification |
| :--- | :--- |
| **Function** | Video Driver with Low-Pass Filter (LPF) |
| **Operating Voltage** | 2.8V to 5.5V |
| **Current Consumption** | 7.0 mA (Typical) |
| **Cut-off Frequency** | 6.75 MHz (Typical) |
| **Package Type** | SOT-26 / SC-74 (Miniature Surface Mount) |
| **Output Type** | 75Ω Driver (Standard Video Load) |
---
### Internal Architecture and Components
The MM1663K integrates several electronic stages into a single miniature package to reduce the need for external components:
1. **Low-Pass Filter (LPF):**
* It features a 4th-order or higher internal filter.
* **Purpose:** It removes high-frequency clock noise and "aliasing" artifacts from Digital-to-Analog Converters (DACs) used in digital video systems.
2. **6dB Amplifier:**
* Standard video signals often require a 6dB gain to compensate for the voltage drop caused by the 75Ω termination resistor at the receiver end.
3. **Output Driver:**
* A high-current output stage capable of driving a 75Ω coaxial cable or standard RCA video input.
4. **Power Save / Standby Mode:**
* Includes a "Power Save" pin that drops current consumption to near zero (typically <1μA) when the device is not in use, making it ideal for battery-operated devices.
---
### Common Applications
The MM1663K is found in devices that require an analog video output (Composite or S-Video):
* **Digital Still Cameras (DSC):** For "Video Out" functionality to a TV.
* **Portable Media Players:** Handheld devices with AV outputs.
* **Set-Top Boxes:** Processing the SD (Standard Definition) video signal before output.
* **DVD/Blu-ray Players:** Acting as the final output buffer for analog signals.
---
### Typical Pin Configuration (SOT-26)
| Pin No. | Name | Description |
| :--- | :--- | :--- |
| 1 | **VIN** | Video Signal Input |
| 2 | **VCC** | Power Supply (Positive) |
| 3 | **PS** | Power Save Control (High = On, Low = Standby) |
| 4 | **VOUT** | Video Signal Output |
| 5 | **GND** | Ground |
| 6 | **SAG** | Sag Correction Pin (Used to reduce output capacitor size) |
---
- ⤷
What is the purpose of the 'Sag Correction' pin on the MM1663K?
- ⤷ Can the MM1663K be used for High Definition (HD) video signals?
- ⤷ How does the Power Save mode affect the circuit's overall power efficiency?