MM1663J
AI

## Overview of the MM1663J IC
The **MM1663J** is a high-performance integrated circuit (IC) primarily designed by **Mitsumi** (now part of MinebeaMitsumi). It serves as a specialized **video driver** with a built-in Low Pass Filter (LPF). It is commonly found in consumer electronics like DVD players, set-top boxes, and digital cameras to manage video signals.
---
### 1. Key Technical Specifications
| Parameter | Description |
| :--- | :--- |
| **Function** | Video Driver with LPF (Low Pass Filter) |
| **Supply Voltage (Vcc)** | 4.5V to 5.5V (Standard 5V) |
| **Current Consumption** | Approx. 7.0 mA (at no load) |
| **Frequency Response** | 6.75 MHz (within ±1.0 dB) |
| **Filter Characteristics** | 4th-order Low Pass Filter |
| **Voltage Gain** | 6 dB (Fixed) |
| **Package Type** | SOT-26 / Mini-6 pin package |
---
### 2. Functional Blocks
The MM1663J simplifies the output stage of video processing through three main internal components:
1. **Low Pass Filter (LPF):** Removes high-frequency noise and "aliasing" artifacts generated during the Digital-to-Analog conversion (DAC) process.
2. **6dB Amplifier:** Since video signals often lose strength through passive components, this internal amp doubles the signal (6dB) to ensure it reaches standard output levels (usually 2Vp-p).
3. **75Ω Driver:** The output stage is designed to drive a standard 75-ohm video line, allowing it to connect directly to TVs or monitors via RCA cables.
---
### 3. Pin Configuration
| Pin Number | Symbol | Function |
| :---: | :--- | :--- |
| 1 | **IN** | Video signal input |
| 2 | **Vcc** | Power supply (typically +5V) |
| 3 | **GND** | Ground |
| 4 | **OUT** | Video signal output |
| 5 | **Vcc** | Power supply (Internal connection) |
| 6 | **SAG** | Sag correction terminal (for reducing capacitor size) |
---
### 4. Typical Application Circuit
The MM1663J is used between a Video DAC and the physical output jack.
```mermaid
[Video DAC] --> [MM1663J IN]
|
[Internal Filter & Amp]
|
[Output Jack] <-- [MM1663J OUT]
```
**Key Advantages:**
* **Space Saving:** Replaces multiple discrete transistors, resistors, and capacitors.
* **Sag Correction:** Pin 6 allows for a "Sag" compensation circuit, which enables the use of smaller output coupling capacitors without distorting low-frequency video components.
* **Power Efficiency:** Features a power-saving mode (depending on the specific suffix variant) to reduce drain when the video output is inactive.
---
- ⤷What is the difference between the MM1663J and the MM1661 series?
- ⤷ How does the Sag correction pin improve video quality?
- ⤷ What are the common failure symptoms of a video driver IC like the MM1663J?