công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MM-GG-D1W2-R

  • AI
    The **MM-GG-D1W2-R** is a specific part number typically associated with high-performance **Magnetic Proximity Sensors** or **Reed Switches**, often utilized in industrial automation and safety systems. Below is a detailed breakdown of its electronic components and technical characteristics. --- ### 1. Technical Specifications The device functions as a non-contact switch that changes state when a magnetic field is detected. | Feature | Specification (Typical) | | :--- | :--- | | **Type** | Magnetic Proximity Switch (Reed Type) | | **Output Type** | SPDT (Single Pole Double Throw) / Form C | | **Max Switching Voltage** | 100V - 250V AC/DC (Varies by sub-model) | | **Max Switching Current** | 0.25A to 0.5A | | **Housing Material** | Rectangular Plastic or Metal Alloy | | **Operating Distance** | 5mm to 20mm (depending on magnet strength) | | **Termination** | Wire Leads (W2 suffix usually indicates 2-meter cable) | --- ### 2. Internal Electronic Structure The "Electronic Parts" inside this assembly consist of several key layers: * **The Reed Capsule:** A hermetically sealed glass envelope containing two or three metal reeds (blades). These blades are coated with precious metals like Rhodium or Ruthenium to prevent oxidation and ensure low contact resistance. * **The Contact Arrangement:** * **Common (COM):** The stationary entry point. * **Normally Open (NO):** Closes when the magnet is present. * **Normally Closed (NC):** Opens when the magnet is present. * **Protection Circuitry (Internal):** Many industrial models include a built-in **Varistor** or **TVS Diode** to protect the contacts from voltage spikes caused by inductive loads (like relays or solenoids). --- ### 3. Connection Diagram Standard wiring for a 3-wire (SPDT) magnetic switch: ```c // Typical Wire Color Coding [ Brown ] ----> Common (COM) [ Blue ] ----> Normally Open (NO) [ Black ] ----> Normally Closed (NC) ``` --- ### 4. Key Application Areas * **Door/Gate Interlocks:** Detecting if a safety guard is closed. * **Pneumatic Cylinder Sensing:** Mounting on the side of a cylinder to detect the internal magnetic piston position. * **Security Systems:** High-reliability window and door monitoring. * **Explosive Environments:** Since the contacts are sealed in glass, they are inherently "spark-proof" (Intrinsically Safe).
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching frequency for this specific model?
    • ⤷ How does environmental interference affect the magnetic sensing range?
    • ⤷ Can this sensor be used directly with a PLC input?