công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MM-B2500-R963

  • AI
    The **MM-B2500-R963** is a high-performance, industrial-grade Brushless DC (BLDC) motor, often categorized under the "Servo" or "Motion Control" series. These motors are designed for precision automation, robotics, and CNC applications. ### 1. Key Technical Specifications | Parameter | Specification (Typical) | | :--- | :--- | | **Motor Type** | Brushless DC (BLDC) / Permanent Magnet | | **Frame Size** | 130mm (approximate series standard) | | **Power Output** | 2.5 kW (2500 Watts) | | **Rated Torque** | 9.55 Nm - 10 Nm | | **Rated Speed** | 2500 - 3000 RPM | | **Voltage Class** | 200V - 240V AC (Driver Input) | | **Encoder Type** | Incremental or Absolute (Standard 2500 ppr) | --- ### 2. Core Electronic Components The "Electronic Parts" of this motor system are divided between the internal motor assembly and the external drive unit required to run it: #### A. Internal Feedback System (Encoder) The motor contains an integrated **Optical or Magnetic Encoder**. - **Function:** It tracks the rotor's position, speed, and direction. - **Wiring:** Uses a dedicated multi-pin connector (often circular) to send differential signals (A, B, Z phases) back to the servo drive to maintain "closed-loop" control. #### B. Stator Windings - **Composition:** High-density copper coils arranged in a 3-phase configuration (U, V, W). - **Insulation:** Class F or H insulation to withstand high temperatures generated during continuous high-torque operations. #### C. Rotor Assembly - **Magnets:** Utilizes Neodymium (NdFeB) permanent magnets. These are responsible for the high torque-to-weight ratio characteristic of the MM series. #### D. Thermal Protection - **Thermistors/PTC Sensors:** Most R963 variants include an internal temperature sensor embedded in the windings to prevent burnout by signaling the drive to shut down if overheating occurs. --- ### 3. Connection Interface The motor typically features two main electrical interfaces: 1. **Power Connector:** A 4-pin terminal (U, V, W, and Ground) to receive high-voltage PWM signals from the servo amplifier. 2. **Signal Connector:** A high-density pin connector for the encoder feedback and thermal sensor data. --- ### 4. Compatibility To function, the MM-B2500-R963 must be paired with a compatible **Servo Drive/Amplifier** (often from the same manufacturer's series) that can handle the 2.5kW power draw and interpret the specific encoder resolution.
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring pinouts for the R963 encoder connector?
    • ⤷ Which servo drive models are compatible with the MM-B2500 series?
    • ⤷ How do I troubleshoot an 'Overcurrent' error on this specific motor?