công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MM-B1570-R960

  • AI
    The **MM-B1570-R960** is a specialized high-performance brushless servo motor, typically utilized in industrial automation, robotics, and CNC machinery. It is part of a series often integrated with motion control systems that require high torque density and precise positioning. --- ### 1. Key Technical Specifications Below are the primary electronic and mechanical characteristics of the MM-B1570-R960: | Parameter | Value/Description | | :--- | :--- | | **Motor Type** | AC Synchronous Brushless Servo | | **Rated Output Power** | ~1.5 kW (1500 Watts) | | **Rated Torque** | ~9.6 Nm | | **Rated Speed** | 1500 - 2000 RPM (Application dependent) | | **Voltage Class** | 200V - 230V AC (Standard) | | **Feedback System** | Optical Incremental or Absolute Encoder | | **Protection Rating** | IP65 (Total dust protection/water jets) | --- ### 2. Core Electronic Components The "Electronic Parts" of this assembly refer to the internal feedback loop and the power delivery interface: #### A. Stator and Windings * **Structure:** 3-phase stationary windings. * **Function:** When energized by a Servo Drive, these windings create a rotating magnetic field. The R960 variant uses high-grade copper windings to minimize heat and maximize electrical efficiency. #### B. Permanent Magnet Rotor * **Material:** Rare-earth magnets (usually Neodymium). * **Benefit:** Provides high magnetic flux density, allowing the motor to achieve high torque (9.6 Nm) despite a relatively compact frame size. #### C. Feedback Device (Encoder) This is the most critical electronic component for "Servo" operation. * **Role:** Sends real-time data regarding shaft position, speed, and direction back to the drive. * **Connector:** Typically uses a multi-pin circular industrial connector (MIL-spec or similar) to ensure signal integrity against EMI (Electromagnetic Interference). #### D. Connection Interfaces 1. **Power Plug:** Usually 4-pin (U, V, W, Ground). 2. **Signal Plug:** 10 to 20-pin connector for encoder pulses and thermal sensors. 3. **Brake (Optional):** If the model includes a "B" suffix or specific internal configuration, an electromagnetic brake is included to hold the load during power loss. --- ### 3. Electronic Integration Requirements To operate the MM-B1570-R960, the following electronic environment is required: * **Servo Drive:** Requires a drive capable of handling at least 1.5kW output with matching feedback protocol (e.g., Mitsubishi or compatible third-party drives). * **Cabling:** Shielded power and signal cables are mandatory to prevent electronic noise from corrupting the encoder data. * **Thermal Protection:** Internal thermistors monitor the winding temperature, which the drive uses to trigger an E-Stop if the motor overheats.
    ✨ Follow-up Questions
    • ⤷ What are the compatible servo drive models for the MM-B1570 series?
    • ⤷ Can this motor be converted for use in a 400V system?
    • ⤷ What is the specific encoder resolution for the R960 variant?