MLZ2012N150L
AI

## Detailed Overview: MLZ2012N150L Inductor
The **MLZ2012N150L** is a multilayer chip inductor designed specifically for decoupling circuits and power lines. It is manufactured by **TDK Corporation** and belongs to the MLZ series, which is optimized for low-resistance and high-current applications compared to standard signal-line inductors.
---
### 1. Technical Specifications
The following table summarizes the core electrical and physical characteristics of the component:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 15.0 µH |
| **Tolerance** | ±20% |
| **DC Resistance (Max)** | 0.85 Ω |
| **Rated Current (Isat)** | 90 mA |
| **Self-Resonant Frequency** | 35 MHz |
| **Operating Temperature** | -55°C to +125°C |
| **Package / Case** | 0805 (2012 Metric) |
| **Dimensions (L x W x T)** | 2.00mm x 1.25mm x 1.25mm |
---
### 2. Key Features and Construction
* **Multilayer Structure:** Unlike wire-wound inductors, this part is built by layering ceramic and conductive materials. This results in a compact, rugged design with no external wires that can break.
* **Magnetic Shielding:** The ferrite material provides internal shielding, reducing electromagnetic interference (EMI) and allowing for high-density mounting on PCBs.
* **Low Resistance:** Designed to minimize power loss in the DC line, making it suitable for battery-powered devices.
---
### 3. Common Applications
The MLZ2012 series is frequently used in the following scenarios:
1. **Smartphones and Tablets:** Used in power supply lines to filter noise.
2. **Decoupling Circuits:** Placed near ICs to stabilize voltage and suppress high-frequency noise.
3. **Consumer Electronics:** Found in digital cameras, portable audio players, and IoT modules.
---
### 4. Comparison with Standard Inductors
Compared to the standard **MLG** (High-frequency) or **MLF** (General use) series:
* **MLZ** has a higher current rating.
* **MLZ** features lower DC resistance (RDC).
* **MLZ** is specifically tuned for "Power Line" stability rather than signal integrity.
- ⤷How does the MLZ2012N150L compare to a wire-wound inductor of the same value?
- ⤷ What is the significance of the 'L' suffix in the TDK part numbering system?
- ⤷ Can this inductor be used in high-frequency RF matching circuits?