MLZ2012M330W
AI

The **MLZ2012M330W** is a multilayer inductor specifically designed for decoupling circuits in power lines. It is manufactured by **TDK Corporation**. This component belongs to the MLZ series, which is optimized for high current and low DC resistance.
### 1. Key Technical Specifications
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 33 $\mu$H |
| **Inductance Tolerance** | $\pm$20% |
| **Rated Current (Max)** | 80 mA |
| **DC Resistance (Max)** | 1.3 $\Omega$ |
| **Self-Resonant Frequency (Min)** | 15 MHz |
| **Operating Temperature Range** | -55°C to +125°C |
| **Case Size (EIA/Metric)** | 0805 / 2012 (2.0mm x 1.25mm) |
---
### 2. Main Characteristics
* **Multilayer Structure:** Unlike wire-wound inductors, this part is built by layering ceramic materials and internal electrodes. This results in a compact, robust, and highly reliable component.
* **Broad Inductance Range:** The MLZ series is unique because it offers higher inductance values (like 33 $\mu$H) in small 0805 packages compared to standard multilayer power inductors.
* **Decoupling Efficiency:** It is specifically engineered to provide high impedance over a wide frequency range, making it ideal for removing noise from DC power lines.
---
### 3. Physical Dimensions (2012 Metric)
| Dimension | Measurement (mm) |
| :--- | :--- |
| **Length (L)** | 2.00 $\pm$ 0.20 |
| **Width (W)** | 1.25 $\pm$ 0.20 |
| **Thickness (T)** | 1.25 $\pm$ 0.20 |
---
### 4. Typical Applications
The MLZ2012M330W is commonly used in portable electronic devices where space is limited but noise suppression is critical:
* **Smartphones and Tablets:** Decoupling power lines for camera modules or display panels.
* **Wearable Devices:** High-density PCB layouts requiring small footprint components.
* **HDD/SSD:** Managing power rail noise to ensure data integrity.
### 5. Part Number Breakdown
```text
MLZ 2012 M 330 W
| | | | |
| | | | +-- Internal Code (Packaging/Special Specs)
| | | +----- Inductance Value (330 = 33 x 10^0 = 33µH)
| | +-------- Characteristic Type (M: Standard/Decoupling)
| +------------- Dimensions (2.0mm x 1.25mm)
+------------------ Series Name (Multilayer Inductor for Power Lines)
```
- ⤷
What is the difference between the 'M' and 'W' series in TDK MLZ inductors?
- ⤷ How does the DC bias characteristic affect the 33uH inductance in this specific part?
- ⤷ Can this inductor be used in high-speed switching converters?