MLZ2012M1R5HT000
AI

The **MLZ2012M1R5HT000** is a high-performance multilayer chip inductor manufactured by **TDK Corporation**. It is specifically designed for use in decoupling circuits and power supply lines, particularly in mobile devices where space and efficiency are critical.
---
### 1. Key Technical Specifications
| Parameter | Value / Specification |
|:---|:---|
| **Inductance** | 1.5 µH |
| **Tolerance** | ±20% |
| **Rated Current (Max)** | 800 mA |
| **DC Resistance (Max)** | 0.15 Ω (Typical: 0.12 Ω) |
| **Self-Resonant Frequency** | 100 MHz (Minimum) |
| **Operating Temperature** | -55°C to +125°C |
| **Package Size (EIA/Metric)** | 0805 / 2012 (2.0mm x 1.25mm) |
---
### 2. Breakdown of Part Number Nomenclature
Understanding the TDK part numbering system helps decode the part's characteristics:
* **MLZ**: Multilayer Inductor for Power Lines (Z-Series).
* **2012**: Physical dimensions ($2.0 \times 1.25$ mm).
* **M**: Characteristic type (Standard/High Current).
* **1R5**: Inductance value ($1.5$ microhenries).
* **H**: Tolerance code ($\pm 20\%$).
* **T000**: Packaging code (usually refers to Taping/Reel).
---
### 3. Structural and Functional Features
#### A. Multilayer Technology
Unlike traditional wire-wound inductors, this part is constructed by layering ceramic sheets and internal conductive patterns. This results in a **monolithic structure** that is highly reliable and has excellent magnetic shielding, reducing EMI (Electromagnetic Interference).
#### B. DC Superposition Characteristics
The MLZ series is engineered to maintain its inductance even when a high DC current is applied. In many inductors, the inductance "drops off" as current increases; the MLZ2012 is optimized to minimize this drop, ensuring stable circuit performance.
#### C. Low DC Resistance (Rdc)
By using advanced materials, TDK has lowered the internal resistance of the component. This leads to:
* Less heat generation.
* Improved battery life in portable electronics.
* Higher efficiency in power conversion.
---
### 4. Common Applications
* **Smartphones and Tablets**: Used in the decoupling of power lines for ICs.
* **Digital Cameras**: Power supply filtering.
* **Modules**: Bluetooth, Wi-Fi, and GPS modules where small form factors are required.
* **Automotive (Non-Safety)**: Infotainment and navigation systems.
---
- ⤷
What are the main differences between the MLZ series and the MLP series from TDK?
- ⤷ How does the 'H' tolerance rating affect the stability of a power supply circuit?
- ⤷ Can this inductor be used in high-frequency RF switching applications?