MLZ2012M1R0HTD25
AI

The **MLZ2012M1R0HTD25** is a high-performance multilayer ferrite chip inductor manufactured by **TDK Corporation**. It belongs to the MLZ series, which is specifically designed for decoupling circuits in power supply lines.
---
### 1. Technical Specifications
The following table highlights the primary electrical and physical characteristics of this component:
| Parameter | Value / Specification |
| :--- | :--- |
| **Inductance** | 1.0 $\mu$H |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | 0.15 $\Omega$ (Max) |
| **Rated Current (Isat/Itemp)** | 700 mA |
| **Self-Resonant Frequency** | 100 MHz |
| **Case Size (EIA/Metric)** | 0805 / 2012 |
| **Dimensions (L x W x T)** | 2.00mm x 1.25mm x 1.25mm |
| **Operating Temperature** | -55°C to +125°C |
---
### 2. Key Features
* **Multilayer Ferrite Structure:** Unlike wire-wound inductors, the multilayer process allows for a compact, magnetically shielded design that minimizes electromagnetic interference (EMI).
* **Low DC Resistance:** Optimized for power lines to ensure minimal power loss and voltage drop.
* **High Current Handling:** Designed to maintain stable inductance even when significant DC current is applied (low saturation characteristics).
* **AEC-Q200 Qualified:** This specific part number is often used in automotive environments, meeting rigorous stress-test requirements.
---
### 3. Application Use Cases
This inductor is typically used in the following scenarios:
1. **Power Supply Decoupling:** Used in the power lines of ICs to filter out high-frequency noise.
2. **Mobile Devices:** Ideal for smartphones and tablets where board space is at a premium.
3. **Automotive Infotainment:** Suitable for car navigation and audio systems due to its temperature stability and reliability.
4. **DC-DC Converters:** Acts as a storage or filter element in low-power voltage regulation circuits.
---
### 4. Part Number Breakdown
`MLZ` `2012` `M` `1R0` `H` `T` `D25`
* **MLZ:** Series Name (Multilayer Inductor for Power Line).
* **2012:** Dimensions (2.0mm x 1.2mm).
* **M:** Characteristic Type (Standard).
* **1R0:** Inductance Value (1.0 $\mu$H).
* **H:** High current handling designation.
* **T:** Packaging (Taping/Reel).
* **D25:** Internal TDK control/design code.
- ⤷What are the differences between ferrite and wire-wound inductors in power circuits?
- ⤷ How does the 'Isat' rating affect circuit performance?
- ⤷ Can this inductor be used for high-frequency RF signal filtering?