MLV-1-R/Q
AI

The **MLV-1-R/Q** refers to a high-precision, low-pressure sensor (often associated with the All Sensors MLV series). These parts are designed using proprietary technology to provide high stability and accuracy for low-pressure applications.
---
### 1. Key Technical Specifications
The "R/Q" designation typically refers to the electrical interface and packaging configuration. Below is a breakdown of the core electronic characteristics:
| Parameter | Typical Value / Range |
| :--- | :--- |
| **Pressure Range** | 0 to 1 inH2O (up to 30 inH2O depending on sub-model) |
| **Excitation Voltage** | 5.0 VDC (Typical) |
| **Output Type** | Millivolt (mV) Ratiometric |
| **Operating Temp** | -25°C to +85°C |
| **Linearity/Hysteresis** | 0.25% to 0.5% of Span |
| **Input Impedance** | ~2 kΩ |
---
### 2. Electronic Components & Internal Architecture
The device is built on a **MEMS (Micro-Electro-Mechanical Systems)** platform. The internal electronics consist of:
* **Piezoresistive Wheatstone Bridge:** The heart of the sensor is a micromachined silicon diaphragm with integrated resistors. When pressure is applied, the diaphragm deflects, changing the resistance values.
* **Co-planar Configuration:** The "Q" in the part number often denotes a lead configuration or a specific dual-port housing that allows for differential measurement.
* **Passive Compensation:** Unlike active digital sensors, the MLV-1-R series often relies on laser-trimmed thick-film resistors to provide temperature compensation and zero-offset calibration.
---
### 3. Pinout and Connection
Most MLV series sensors utilize a 4-pin or 6-pin layout. A typical wiring diagram follows this logic:
```markdown
Pin 1: +Excitation (Vcc)
Pin 2: +Output (Signal High)
Pin 3: -Excitation (Ground)
Pin 4: -Output (Signal Low)
```
### 4. Application Integration
Because the output is a raw **millivolt signal**, it cannot be plugged directly into a standard microcontroller (like an Arduino or ESP32) without signal conditioning.
* **Amplification:** Requires an Instrumentation Amplifier (e.g., AD620 or INA126).
* **Filtering:** Low-pass RC filters are recommended to remove high-frequency noise from the low-voltage signal.
* **ADC:** A high-resolution Analog-to-Digital Converter (16-bit or 24-bit) is preferred due to the small signal swing.
---
- ⤷
What is the difference between the R and Q suffixes in this specific part number?
- ⤷ How do I calculate the pressure from the millivolt output signal?
- ⤷ Can this sensor be used with corrosive gases or liquids?