MLS-D5W-R
AI

The **MLS-D5W-R** is a specific model of a **Magnetic Proximity Sensor** (often referred to as a magnetic switch or reed switch) commonly used in industrial automation, specifically for pneumatic cylinder position sensing.
Below is a detailed breakdown of its electronic characteristics and technical specifications.
---
### 1. General Specifications
The MLS-D5W-R is designed to detect the magnetic ring inside a pneumatic cylinder to provide feedback on the piston's position.
| Feature | Specification |
| :--- | :--- |
| **Sensor Type** | Magnetic / Reed Switch |
| **Output Type** | SPST (Single Pole Single Throw), Normally Open (NO) |
| **Operating Voltage** | 5V to 240V AC/DC |
| **Switching Current** | 100mA Max |
| **Contact Rating** | 10W Max |
| **Internal Voltage Drop** | 3.5V Max |
| **Indicator Lamp** | Red LED (Standard) |
---
### 2. Internal Components and Construction
The device consists of several key electronic parts housed in a compact resin-filled casing:
* **Reed Switch:** The core component consisting of two flexible metal reeds. When a magnetic field (from the cylinder piston) approaches, the reeds pull together to complete the circuit.
* **LED Indicator:** A small light-emitting diode wired in series with a resistor. It illuminates when the circuit is closed, allowing for easy visual troubleshooting.
* **Protection Diode/Varistor:** Many models in this series include internal surge protection to prevent damage from inductive kicks when switching solenoid valves.
* **PVC Cable:** Usually a 2-wire oil-resistant cable (Brown for Positive/Live, Blue for Negative/Load).
---
### 3. Wiring Diagram (Electronic Interface)
Because the MLS-D5W-R is a 2-wire switch, it is wired in series with the load (e.g., a PLC input or a small relay).
```text
[Power Source (+)] ---- (Brown Wire) [ MLS-D5W-R ] (Blue Wire) ---- [ Load/PLC Input ] ---- [Power Source (-)]
```
> **Note:** Since it is a 2-wire device, it has a small "leakage current" even when off and a "voltage drop" when on. Ensure your PLC input threshold is compatible with a ~3.5V drop.
---
### 4. Application Environments
* **Pneumatic Cylinders:** Specifically designed for "D-shaped" or T-slot grooves.
* **Logic Controllers:** Providing "End of Stroke" signals to a PLC.
* **Safety Interlocks:** Ensuring a machine part is in the correct position before the next sequence begins.
---
- ⤷
What is the difference between the 2-wire MLS-D5W-R and a 3-wire NPN version?
- ⤷ How do I troubleshoot an MLS-D5W-R that won't trigger?
- ⤷ What are the mounting torque specifications for this sensor?