MLS-2A-R/Q
AI

The **MLS-2A-R/Q** is a high-performance, precision **Current Transducer** based on the Magnetic Modulation principle (Fluxgate technology). It is primarily used for the non-contact measurement of DC, AC, and pulsed currents with extremely high accuracy and stability.
---
### ## 1. Key Technical Specifications
The following table highlights the typical electrical parameters for the MLS series:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Primary Nominal Current ($I_{pn}$)** | 2A (Nominal) |
| **Measurement Range** | 0 to ±3A (Peak) |
| **Supply Voltage ($V_c$)** | ±15V DC (±5%) |
| **Output Type** | Current Output (Secondary current) |
| **Accuracy** | < 0.1% at $T_a$ = 25°C |
| **Linearity** | < 10 ppm |
| **Operating Temperature** | -40°C to +85°C |
---
### ## 2. Core Electronic Components & Architecture
The device operates using a closed-loop system involving several critical electronic stages:
1. **Fluxgate Sensor Element:** Unlike standard Hall Effect sensors, this uses a high-permeability magnetic core that is driven into saturation. It detects minute magnetic field imbalances with zero-offset stability.
2. **Compensation Coil (Secondary Winding):** A multi-turn winding that generates an opposing magnetic field to nullify the primary current's field.
3. **Integrator & Oscillator Circuitry:** Internal electronics that drive the fluxgate excitation and process the error signal to maintain the magnetic balance.
4. **Power Amplifier:** Drives the secondary current ($I_s$) through the compensation coil and the external burden resistor.
---
### ## 3. Connection and Pinout Logic
While specific physical footprints can vary by sub-revision, the logic remains consistent:
* **Positive Supply (+V):** Usually +15V.
* **Negative Supply (-V):** Usually -15V.
* **Output (M/Out):** The measurement signal. This current output must be passed through a precision **Sampling Resistor ($R_m$)** to convert it into a measurable voltage.
* **Ground (0V):** Reference point for the power supply.
---
### ## 4. Primary Applications
Because of its high precision and low drift, the MLS-2A-R/Q is found in specialized industrial environments:
* **Precision Power Supplies:** Monitoring output stability.
* **Medical Equipment:** Such as MRI gradient control or high-end X-ray machines.
* **Calibration Standards:** Used as a reference transducer for testing lower-grade sensors.
* **Leakage Current Detection:** Identifying small current imbalances in complex electrical systems.
---
### ## 5. Circuit Implementation Example
To interface this part with a microcontroller or ADC, use the following logic:
```c
// Concept for calculating Current from Voltage
float sensitivity = 1000.0; // Example turns ratio (Secondary/Primary)
float Rm = 100.0; // Measuring resistor in Ohms
float Vout = readADC(); // Voltage measured across Rm
// Formula: I_primary = (Vout / Rm) * Transformation_Ratio
float I_primary = (Vout / 100.0) * 1000.0;
```
- ⤷
What is the exact transformation ratio (turns ratio) for the MLS-2A-R/Q?
- ⤷ What are the recommended values for the burden resistor (Rm) to prevent saturation?
- ⤷ How does Fluxgate technology compare to Shunt resistors in terms of isolation?