MLS-22-R/Q
AI

Based on technical specifications for industrial electronic components, the **MLS-22-R/Q** typically refers to a high-precision magnetic proximity sensor or a limit switch often used in pneumatic systems and automation.
### 1. Component Overview
This part is a **Magnetic Reed Switch** or **Solid State Auto-Switch** designed to detect the position of a piston within a cylinder. The "R" usually denotes a Reed type (mechanical contact), while "Q" often signifies a specific connector type (like an M8 or M12 quick-disconnect).
### 2. Technical Specifications
| Feature | Specification (Typical) |
| :--- | :--- |
| **Switching Logic** | SPST (Normally Open) |
| **Sensor Type** | Magnetic Reed / Solid State |
| **Operating Voltage** | 5-240V AC/DC (Reed) / 10-30V DC (Solid State) |
| **Switching Current** | 100mA Max |
| **Contact Capacity** | 10W Max |
| **Internal Voltage Drop** | 2.5V - 3.5V Max |
| **Indicator Lamp** | Red or Green LED |
---
### 3. Electronic Design Features
* **Protection Circuitry:** Many versions include a Varistor or Zener diode to protect the contacts from inductive surges (Back-EMF) when switching solenoids.
* **LED Indicator:** A series-connected LED allows for visual confirmation of the magnetic field detection.
* **Housing:** Usually encased in a flame-retardant plastic (PBT) and potted with epoxy for IP67 water/dust resistance.
---
### 4. Wiring Diagram Representation
The device typically follows standard industrial wiring colors:
```text
[ Brown ] (+) --- Positive Power Supply
[ Blue ] (-) --- Negative / Load Return
[ Black ] (Out)-- Control Signal (For 3-wire versions)
```
### 5. Common Applications
1. **Cylinder End-of-Stroke:** Detecting when a pneumatic actuator has reached its limit.
2. **Safety Interlocking:** Ensuring a guard or door is closed via magnetic alignment.
3. **PLC Input:** Providing a digital high/low signal to a logic controller.
- ⤷What is the difference between the Reed type and Solid State versions of this sensor?
- ⤷ How do I wire the MLS-22-R to a PLC input card?
- ⤷ What mounting brackets are compatible with the MLS series?