MLS-22-R/E
AI

The **MLS-22-R/E** is a specific electronic component typically identified as a **Micro Limit Switch** or a high-precision magnetic sensor/switch, commonly used in industrial automation and precision machinery.
Below is an explanation of its electronic characteristics, technical specifications, and typical applications.
---
### 1. Component Overview
The MLS-22-R/E is designed to detect the position of moving parts without physical contact (if magnetic) or via minimal mechanical force. The "R/E" suffix often denotes specific wiring configurations or contact types (e.g., Reed Switch or Electronic NPN/PNP output).
### 2. Technical Specifications
| Feature | Description |
| :--- | :--- |
| **Switching Logic** | Normally Open (NO) or Changeover |
| **Operating Voltage** | Typically 5V to 24V DC |
| **Max Current** | 50mA - 100mA (Signal level) |
| **Response Time** | < 1ms |
| **Indicator** | Often includes an integrated LED (Red/Green) for status |
| **Connection Type** | Lead wire (typically 2m or 3m) or M8/M12 Connector |
### 3. Internal Electronic Structure
The device generally consists of three main stages:
1. **Sensing Element:** A Reed switch (mechanical-magnetic) or a Hall Effect sensor (solid-state).
2. **Signal Conditioning:** Internal circuitry that de-bounces the signal to prevent "chatter" or false triggering.
3. **Output Driver:** A transistor (NPN or PNP) or a dry contact that interfaces with a PLC (Programmable Logic Controller).
### 4. Wiring Configuration
Most MLS-22 models follow the standard industrial color coding:
* **Brown:** Positive Supply (+V)
* **Blue:** Negative/Ground (0V)
* **Black:** Output Signal (Load)
---
### 5. Common Applications
* **Pneumatic Cylinders:** Mounted on the side of a cylinder to detect the piston's end-of-stroke position.
* **Robotic Arms:** Used as limit switches to prevent over-travel.
* **Safety Interlocks:** Ensuring a guard door is closed before a machine starts.
- ⤷
What is the difference between the NPN and PNP versions of this switch?
- ⤷ How do I test the MLS-22-R/E using a multimeter?
- ⤷ Can this switch be used with an Arduino or Raspberry Pi?