MLP331M400EB0A
AI

The **MLP331M400EB0A** is a high-reliability, flatpack aluminum electrolytic capacitor manufactured by **Cornell Dubilier (CDE)**. It is part of the MLP (Flatpack) series, known for its ultra-low profile and high energy density.
---
## 1. Technical Specifications
The part number encodes specific electrical and physical characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Capacitance** | 330 µF (Microfarads) |
| **Tolerance** | ±20% (indicated by 'M') |
| **Voltage Rating** | 400 VDC |
| **Temperature Range** | -55°C to +85°C |
| **Service Life** | 10,000 Hours @ 85°C |
| **Package Type** | Case EB (Flatpack Aluminum) |
| **ESR (120Hz, 25°C)** | ~450 mΩ (Typical) |
---
## 2. Key Design Features
### Physical Structure
* **Flatpack Case:** Unlike standard cylindrical capacitors, this uses a rectangular, flat aluminum housing. This design provides a large surface area for heat dissipation.
* **Vibration Resistance:** The internal windings are compressed within the flat case, making it exceptionally rugged (up to 50g vibration resistance).
### Performance Advantages
* **High Energy Density:** It offers significantly more energy storage per unit of height compared to standard snap-in or screw-terminal capacitors.
* **Low Profile:** The "EB" case code refers to specific dimensions (approximately 1.75" x 1.5" x 0.5"), making it ideal for thin power supplies or aerospace modules.
---
## 3. Part Number Breakdown
The nomenclature for **MLP331M400EB0A** is structured as follows:
| Segment | Code | Meaning |
| :--- | :--- | :--- |
| **Series** | MLP | Military/Industrial Flatpack |
| **Capacitance** | 331 | 33 + one zero = 330 µF |
| **Tolerance** | M | ±20% |
| **Voltage** | 400 | 400 Volts DC |
| **Case Code** | EB | 1.75" Length x 1.5" Width |
| **Insulation** | 0 | No sleeve (Standard) |
| **Lead Style** | A | Standard 2-lead configuration |
---
## 4. Typical Applications
Due to its high voltage rating and flat form factor, this part is commonly found in:
1. **Aerospace & Defense:** Power hold-up in cockpit displays or flight control systems.
2. **Medical Equipment:** High-voltage pulse circuits where space is restricted.
3. **Power Supplies:** DC link capacitors in slim-line AC/DC converters.
- ⤷
What are the exact physical dimensions of the 'EB' case code?
- ⤷ Is there a 'high temperature' version of this capacitor (e.g.
- ⤷ 105°C or 125°C)?
- ⤷ How does the ripple current capability of the MLP series compare to standard cylindrical capacitors?