công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MLL748A

  • AI
    ## Technical Overview: MLL748A Zener Diode The **MLL748A** is a specific type of Zener diode. It is primarily used for voltage regulation and protection within electronic circuits. The "MLL" prefix typically indicates a **Surface Mount Device (SMD)** package, often in a Leadless Glass Melf style. --- ### 1. Key Technical Specifications The following table outlines the electrical characteristics of the MLL748A: | Parameter | Specification | Units | | :--- | :--- | :--- | | **Zener Voltage ($V_z$)** | 3.9 | Volts | | **Power Dissipation ($P_d$)** | 500 (standard) | Milliwatts (mW) | | **Tolerance** | ±5% | Percentage | | **Test Current ($I_{zt}$)** | 20 | Milliamps (mA) | | **Maximum Zener Impedance ($Z_{zt}$)** | 28 | Ohms ($\Omega$) | | **Operating Temperature** | -65 to +175 | Celsius (°C) | --- ### 2. Physical Construction and Packaging Unlike traditional through-hole diodes (like the 1N748A), the **MLL** series uses a **MELF (Metal Electrode Leadless Face)** package. * **Package Type:** DO-213AA (Small MELF). * **Case Material:** Hermetically sealed glass. * **Mounting Type:** Surface Mount (SMT). * **Polarity:** A color band denotes the Cathode end. --- ### 3. Functional Applications The MLL748A is designed for circuits requiring a stable 3.9V reference. Common use cases include: 1. **Voltage Regulation:** Keeping a constant 3.9V output despite fluctuations in input voltage or load current. 2. **Clipping/Clamping:** Protecting sensitive integrated circuits (ICs) by preventing voltage spikes from exceeding 3.9V. 3. **Reference Voltage:** Providing a baseline voltage for operational amplifiers or Analog-to-Digital Converters (ADCs). --- ### 4. Equivalent Parts If the MLL748A is unavailable, the following parts are often used as functional equivalents, though the physical package may differ: * **1N748A:** The through-hole (leaded) version of this diode. * **BZT52C3V9:** A common SOD-123 surface mount alternative. * **MMSZ5228B:** A common SOD-123 alternative with similar wattage. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the MLL748A and the MLL748 (without the 'A' suffix)?
    • ⤷ How does the power derating work for this diode at high temperatures?
    • ⤷ Can this diode be used in high-frequency switching applications?