MLG-2Z-R/Q
AI

The **MLG-2Z-R/Q** is a high-performance automation light grid manufactured by **SICK**. It belongs to the MLG-2 (Measuring Automation Light Grid) family, specifically designed for complex measurement tasks such as object height detection, contour measurement, and volume calculation.
---
### 1. Core Electronic Components & Architecture
The system consists of two primary electronic units: a **Sender** and a **Receiver**.
| Component | Functionality |
| :--- | :--- |
| **Infrared LEDs** | Located in the Sender; emits modulated light pulses (typically 850 nm). |
| **Photodiodes** | Located in the Receiver; detects the presence or absence of the beam. |
| **ASIC (Application-Specific IC)** | Custom chip in the receiver that processes signals at high speeds. |
| **Communication Interface** | Integrated electronics for IO-Link, Analog, or Ethernet protocols. |
| **Synchronizing Wire** | Electronic synchronization between sender and receiver for precise timing. |
---
### 2. Technical Specifications (Electronic)
The "Z" in the model name often refers to a "Zone" or "Pro" version, indicating advanced electronic features like high-speed scanning or high-resolution cross-beams.
| Feature | Specification Details |
| :--- | :--- |
| **Supply Voltage ($U_v$)** | DC 18 V ... 30 V |
| **Power Consumption** | Sender: < 60 mA / Receiver: < 140 mA (typical) |
| **Output Type** | Push-pull (PNP/NPN) / IO-Link / Analog (depending on sub-model) |
| **Response Time** | High-speed processing (down to 3.5 ms depending on beam count) |
| **Ripple** | < 5 $V_{pp}$ |
| **Circuit Protection** | Reverse polarity, Output short-circuit, Interference suppression |
---
### 3. Electronic Operational Modes
The MLG-2Z series utilizes sophisticated electronic logic to interpret beam interruptions:
1. **High-Speed Scan:** Reduces electronic latency for fast-moving production lines.
2. **Cross-Beam:** The electronic logic allows one sender LED to be picked up by multiple receiver diodes, increasing the resolution for thin object detection.
3. **Transparent Mode:** The electronics can distinguish between varying light intensities to detect clear glass or plastic.
---
### 4. Interface and Connectivity
The **R/Q** suffix usually denotes the specific output configuration:
* **IO-Link:** Digitally transmits the status of every single beam and diagnostic data.
* **Q (Switching Output):** Standard digital outputs for "Object Detected" or "Height Reached" signals.
```yaml
Pin Configuration (Typical M12 Connector):
- Pin 1: L+ (24V DC)
- Pin 2: Q2 / In 1 (Digital I/O)
- Pin 3: M (0V / Ground)
- Pin 4: Q1 / C (IO-Link / Switching)
- Pin 5: RS-485 / Analog (Optional variant)
```
---
- ⤷
What is the difference between the MLG-2 Pro and MLG-2 Prime electronic features?
- ⤷ How do I configure the IO-Link parameters for the MLG-2Z?
- ⤷ What are the environmental ratings (IP) for the MLG-2Z electronic housing?