AI

The **MLG-20-R** is a receiver unit for the MLG-2 (Modular Light Grid) series manufactured by **SICK Sensor Intelligence**. It is an automation light grid used for complex detection, measurement, and object monitoring.
### 1. Core Electronic Components & Architecture
The MLG-20-R consists of several internal electronic layers designed for high-speed processing and environmental resilience.
| Component | Description |
| :--- | :--- |
| **Optical Receiver Array** | A vertical row of photodiodes that detect infrared light emitted by the MLG-2-P (Sender). |
| **Microcontroller (MCU)** | Processes beam interruption data and calculates object height, position, or volume. |
| **ASIC Technology** | Custom SICK integrated circuits for synchronous scanning and interference suppression. |
| **I/O Interface** | Hardware pins for digital inputs, outputs, and synchronization with the sender. |
| **Status LEDs** | Optical indicators for power, alignment, and error diagnostics. |
---
### 2. Technical Specifications
The "20" in the model name typically refers to the **beam separation (pitch)**, which is 20 mm.
| Feature | Specification |
| :--- | :--- |
| **Operating Voltage** | 18 V DC ... 30 V DC |
| **Current Consumption** | Receiver: ~140 mA + output load |
| **Output Type** | Push-pull (PNP/NPN) or Fieldbus (IO-Link, Ethernet) |
| **Response Time** | High-speed (varies by beam count) |
| **Enclosure Rating** | IP65 / IP67 |
---
### 3. Electronic Features & Functions
The electronic circuitry of the MLG-20-R supports advanced logic functions:
* **Beam Blanking:** The electronics can be programmed to ignore specific beams (e.g., ignoring a conveyor belt).
* **Object Recognition:** Differentiates between specific shapes based on which beams are broken.
* **Synchronization:** Uses an optical or electrical "Sync" signal to ensure the receiver is perfectly timed with the sender's pulses.
* **Self-Diagnostics:** Monitors for optical contamination (dust) and internal electronic failures.
---
### 4. Wiring and Connectivity
The device typically uses **M12 circular connectors**. Below is a standard pin-out logic for MLG-2 receiver units:
```markdown
1: L+ (24V DC)
2: Q1 / Control Input
3: M (0V / Ground)
4: Q1 / C (Output or IO-Link)
5: QA1 (Analog output or Sync)
```
---
- ⤷
What is the difference between the MLG-2 Pro and MLG-2 Prime versions?
- ⤷ How do I configure the beam blanking settings in the MLG-20-R?
- ⤷ What are the common error codes indicated by the receiver's LEDs?