AI

The **MLG-1F-R/Q** refers to a specific configuration of the **MLG-1 series** (Standard Automation Light Grids) manufactured by **SICK Sensor Intelligence**. These devices are used for non-contact object detection, measurement, and monitoring in industrial automation.
---
### 1. Component Identification (R/Q)
The suffix codes indicate the specific electronic interface and functional role:
| Suffix | Meaning | Description |
| :--- | :--- | :--- |
| **R** | **Receiver** | The unit containing the photosensitive elements and processing electronics. |
| **Q** | **Standard/Switching Output** | Indicates the output type (usually PNP or NPN switching signals). |
---
### 2. Key Electronic Specifications
The MLG-1 system operates on an infrared light curtain principle. Below are the primary electronic characteristics:
* **Supply Voltage ($V_s$):** DC 18 V ... 30 V.
* **Power Consumption:** The receiver typically requires more power than the sender due to signal processing (approx. 180 mA - 200 mA + output load).
* **Output Signal:** Digital switching outputs (PNP/NPN). It often includes a "Quality of Run" output to indicate if the lenses are dirty.
* **Response Time:** Dependent on the number of beams (optical axes).
* **Synchronization:** Optical synchronization (no physical cable required between sender and receiver).
---
### 3. Internal Parts & Architecture
### A. Optical Axis Array
The "F" in the model name often denotes the **Focal/Beam Separation**. Inside the housing, there are multiple Infrared (IR) LEDs (Sender) or Phototransistors (Receiver) spaced at specific intervals (e.g., 10mm, 20mm, 30mm, or 50mm).
### B. Signal Processing Unit (ASIC)
The receiver contains a proprietary SICK ASIC (Application-Specific Integrated Circuit) that performs:
* **Evaluation:** Determining which beams are interrupted.
* **Blanking:** Ignoring specific zones if programmed.
* **Thresholding:** Adjusting sensitivity based on ambient light or dust.
### C. Interface (M12 Connector)
The electronic connection is typically via an M12, 5-pin or 8-pin circular connector.
* **Pin 1:** L+ (24V)
* **Pin 2:** Output 2 / Teach-in
* **Pin 3:** M (Ground)
* **Pin 4:** Q1 (Switching Output)
* **Pin 5:** Functional Earth/Sync
---
### 4. Technical Summary Table
| Feature | Specification |
| :--- | :--- |
| **Technology** | Infrared (880 nm) |
| **Circuit Protection** | Reverse polarity, Output short-circuit, Interference suppression |
| **Protection Class** | III (EN 50178) |
| **Enclosure Rating** | IP65 (Dust tight, water jet resistant) |
| **EMC Compliance** | EN 60947-5-2 |
---
### 5. Common Use Cases
* **Object Height Measurement:** Detecting the highest broken beam.
* **Web Width Control:** Monitoring the edges of material on a conveyor.
* **Counting:** Detecting multiple objects passing through the grid simultaneously.
---
- ⤷
What is the difference between the 'F' and 'S' resolution versions of the MLG-1?
- ⤷ How do I wire the PNP output of the MLG-1F-R/Q to a PLC?
- ⤷ What are the common troubleshooting steps for a 'Beam Interrupted' error signal?