công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MLC10-R047M-RC

  • AI
    ### Analysis of MLC10-R047M-RC The **MLC10-R047M-RC** is a high-performance, shielded power inductor typically used in DC-DC converter applications. It belongs to a class of surface-mount devices (SMD) designed for high current density and low core loss. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the component's key specifications: | Segment | Meaning | Detail | | :--- | :--- | :--- | | **MLC10** | Series/Size | Indicates the physical dimensions (approx. 10x10mm). | | **R047** | Inductance Value | **0.047 µH** (47 nanohenries). | | **M** | Tolerance | **±20%** tolerance on the inductance value. | | **RC** | Compliance | **RoHS Compliant**. | --- ### 2. Key Technical Specifications Based on the standard parameters for this series of molded power inductors: * **Inductance:** 0.047 µH. * **Saturation Current ($I_{sat}$):** Typically very high (often exceeding 40A-60A), allowing it to handle large current spikes without the magnetic core saturating. * **Heating Current ($I_{rms}$):** The continuous current it can handle before reaching a specific temperature rise (usually 40°C). * **DCR (DC Resistance):** Extremely low (measured in milliohms), which minimizes power dissipation and maximizes efficiency. * **Shielding:** Magnetically shielded construction to reduce Electromagnetic Interference (EMI). --- ### 3. Application Use Cases This specific part is ideal for high-frequency switching environments: 1. **Voltage Regulator Modules (VRMs):** Used in CPU/GPU power delivery on motherboards. 2. **Point of Load (POL) Converters:** Step-down (Buck) converters for high-current rails. 3. **Battery Powered Systems:** Where high efficiency is critical to extending battery life. 4. **Telecom & Servers:** High-density power supplies requiring compact, robust components. --- ### 4. Implementation Example In a Buck Converter circuit, the inductor is paired with MOSFETs to store and release energy. The very low inductance (0.047 µH) suggests this part is designed for **high switching frequencies** (usually >1MHz). ```python # Conceptual calculation for Ripple Current in a Buck Converter def calculate_ripple(v_in, v_out, frequency, inductance): # Duty Cycle D = v_out / v_in # Ripple Current formula: ΔI = (Vin - Vout) * D / (f * L) ripple = (v_in - v_out) * D / (frequency * inductance) return ripple # Example: 12V to 1V conversion at 1.5MHz # L = 0.047uH (0.047e-6) # result = calculate_ripple(12, 1, 1.5e6, 0.047e-6) ```
    ✨ Follow-up Questions
    • ⤷What is the typical saturation current for the MLC10 series?
    • ⤷ How does the 0.047uH inductance value affect the switching frequency choice?
    • ⤷ What are the physical dimensions of the MLC10 package?