công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ML63301TB

  • AI
    The **ML63301TB** is a low-power, high-performance 4-bit microcontroller (MCU) manufactured by ROHM Semiconductor (formerly Oki Electric). It is designed specifically for battery-operated devices that require efficient LCD control and low power consumption. --- ## 1. Core Architecture The ML63301TB is based on an nX-U8/100 core. It follows a Harvard architecture with separate instruction and data buses. | Component | Specification | | :--- | :--- | | **CPU** | 4-bit nX-U8/100 | | **ROM** | 4,032 words × 8-bit (Internal Mask ROM) | | **RAM** | 256 words × 4-bit | | **Operating Voltage** | 1.1V to 3.6V (Low voltage support) | | **Operating Frequency** | 32.768 kHz (Crystal) / 30 kHz (RC) | --- ## 2. Key Peripheral Modules The chip integrates several hardware blocks to minimize the need for external components: ### LCD Driver * **Capacity:** 40 segments × 4 commons. * **Features:** Built-in bias generator and contrast control. It can drive small-to-medium reflective LCD panels directly. ### Timers and Counters * **Watchdog Timer:** Prevents system hang-ups. * **Interval Timer:** Generates interrupts at fixed intervals for time-keeping. * **Event Counter:** Measures external signal frequencies or counts pulses. ### I/O Ports * **Input/Output:** Programmable I/O pins with internal pull-up resistors. * **Interrupts:** External interrupt pins for waking the MCU from sleep modes. --- ## 3. Power Management Because it is built for handheld devices, the ML63301TB features advanced power-saving states: * **HALT Mode:** Suspends CPU clock while peripherals like the LCD driver and timers remain active. * **STOP Mode:** Stops the primary oscillator, reducing current consumption to the nano-ampere range. --- ## 4. Typical Applications The ML63301TB is commonly found in "set-and-forget" battery applications: 1. **Digital Thermometers:** Using the internal ADC/timer logic to read sensors. 2. **Pedometers:** Low-power pulse counting. 3. **Basic Calculators:** Driving the segments and scanning the keypad. 4. **Electronic Timers:** Kitchen timers or industrial countdown modules. --- ## 5. Code Example (Conceptual) Programming is typically done in Assembly to maximize memory efficiency given the 4-bit architecture. ```asm ; Example: Clearing a Data Memory register MOV R0, #0H ; Load immediate 0 into Register 0 MOV [HL], R0 ; Move R0 into the memory address pointed to by HL pair ```
    ✨ Follow-up Questions
    • ⤷ What are the specific pin configurations for the ML63301TB package?
    • ⤷ How does the 4-bit architecture compare to 8-bit MCUs in terms of energy efficiency?
    • ⤷ What development tools are required to program the ML63301TB?