ML2010V-R200-FB
AI

The **ML2010V-R200-FB** is a high-performance **Surface Mount (SMD) Power Inductor**, commonly used in automotive and industrial electronic circuits. It is designed for high-frequency power conversion and noise filtering.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
The part number follows a standard naming convention for magnetic components:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Power Inductor (Wire-wound) |
| **Inductance** | 0.20 µH (200nH) |
| **Tolerance** | ±20% (indicated by 'M' or 'V' series standards) |
| **Footprint / Size** | 2010 Metric (approx. 2.0 x 1.0 mm) |
| **Mounting Type** | Surface Mount Device (SMD/SMT) |
---
### 2. Key Electronic Characteristics
These parts are engineered to handle high current despite their small physical size.
* **Low DC Resistance (DCR):** The "R200" indicates a low inductance value, which typically correlates with a very low DCR. This minimizes power loss and heat generation during operation.
* **High Saturation Current ($I_{sat}$):** Designed to maintain inductance levels even when high peaks of current pass through the coil.
* **Operating Temperature:** Most parts in this series are rated for **-40°C to +125°C**, making them suitable for harsh environments.
* **Magnetic Shielding:** The "FB" suffix often denotes a shielded construction, which reduces Electromagnetic Interference (EMI) with neighboring components on the PCB.
---
### 3. Application Use-Cases
This specific inductor is typically found in the following electronic stages:
1. **DC-DC Converters:** Used in buck (step-down) or boost (step-up) converters to store energy.
2. **Voltage Regulator Modules (VRM):** Common in smartphones, tablets, and automotive ECUs where space is limited but power efficiency is critical.
3. **High-Speed Signal Filtering:** Due to the low inductance (200nH), it is effective at filtering high-frequency noise in power lines.
---
### 4. Technical Summary Table
| Feature | Value / Description |
| :--- | :--- |
| **Core Material** | Metal Alloy or Ferrite (depending on specific manufacturer) |
| **Current Rating** | Typically 2A to 5A (varies by thermal design) |
| **Shielding** | Shielded (Magnetic) |
| **Standard Compliance** | Often AEC-Q200 (Automotive Grade) |
- ⤷
What is the exact saturation current (Isat) for the ML2010V-R200-FB?
- ⤷ How does the 'FB' suffix affect the EMI performance compared to unshielded models?
- ⤷ What are the recommended reflow soldering profiles for this 2010 package?