ML2010V-R0075-FT
AI

## ML2010V-R0075-FT: Electronic Part Overview
The **ML2010V-R0075-FT** is a specialized surface-mount (SMD) electronic component, specifically a **Current Sensing Resistor** (also known as a Shunt Resistor). It is designed to measure current flow by creating a small voltage drop across its terminals.
---
### 1. Technical Specifications
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Component Type** | Current Sense Resistor | Low resistance for current measurement |
| **Package Size** | 2010 (Metric: 5025) | Dimensions: 5.0mm x 2.5mm |
| **Resistance Value** | 0.0075 $\Omega$ (7.5 m$\Omega$) | Very low resistance to minimize power loss |
| **Tolerance** | ±1% (F) | Indicates the precision of the resistance |
| **Temperature Coefficient** | Low TCR | Ensures stability across temperature changes |
| **Termination Type** | T (Tinned / Standard) | Suitable for standard lead-free soldering |
---
### 2. Part Number Breakdown
The part number follows a standard nomenclature used by manufacturers (typically associated with brands like **RoyalOhm** or **Viking Tech**):
* **ML**: Series designation (Metal Low Ohmic).
* **2010**: The physical footprint/size (0.20 x 0.10 inches).
* **V**: Voltage or Power rating code (Specific to manufacturer datasheets, often indicating high power handling).
* **R0075**: The resistance value. "R" acts as the decimal point ($0.0075 \Omega$).
* **F**: Tolerance code ($F = \pm 1\%$).
* **T**: Packaging type (usually Tape & Reel).
---
### 3. Key Functions and Applications
#### Why use a 7.5 m$\Omega$ resistor?
In power electronics, you cannot measure high current directly with a microcontroller. You place this resistor in series with the load. By measuring the voltage ($V$) across this resistor, you can calculate the current ($I$) using Ohm’s Law: $I = V / R$.
#### Common Applications:
* **Battery Management Systems (BMS):** Monitoring charge/discharge cycles in lithium batteries.
* **DC-DC Converters:** Providing feedback for current-mode control loops.
* **Motor Controllers:** Detecting over-current conditions to protect the motor.
* **Power Supplies:** Regulating output current in laptops or industrial equipment.
---
### 4. Design Considerations
1. **Power Dissipation:** Because it handles current, it generates heat ($P = I^2 \times R$). Ensure the 2010 package's wattage rating (typically 0.5W to 1W for this size) is not exceeded.
2. **Kelvin Connection:** For high accuracy at 7.5 m$\Omega$, engineers often use a **4-terminal (Kelvin) sensing** layout on the PCB to avoid measuring the resistance of the solder joints themselves.
3. **Heat Sinking:** Ensure adequate copper pour on the PCB pads to act as a heat sink, as low-ohmic resistors can reach high temperatures under load.
- ⤷
What is the maximum current rating for this specific 7.5 mOhm resistor?
- ⤷ How does a 4-terminal Kelvin connection improve the accuracy of this component?
- ⤷ Are there automotive-grade (AEC-Q200) versions of the ML2010 series?