ML2010V-R005-FT
AI

## Technical Overview of ML2010V-R005-FT
The **ML2010V-R005-FT** is a high-precision, low-resistance **Current Sense Resistor** (often referred to as a Shunt Resistor). These components are designed to monitor current flow in electronic circuits by measuring the voltage drop across the resistor.
### 1. Key Specifications
The part number follows a specific nomenclature used by manufacturers (typically related to the ML series by brands like **Royalohm** or similar precision resistor manufacturers).
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Resistance Value** | 0.005 Ω (5mΩ) | Indicated by "R005" |
| **Tolerance** | ±1% | Indicated by "F" |
| **Package/Case** | 2010 | Surface Mount (SMD) size: 5.0mm x 2.5mm |
| **Power Rating** | Typically 0.75W - 1W | Depending on the specific series thermal management |
| **Technology** | Metal Strip / Alloy | Provides high stability and low TCR |
---
### 2. Physical Characteristics
* **Form Factor:** It uses the **2010 SMD** footprint, making it suitable for automated pick-and-place assembly.
* **Material:** Constructed from a robust metal alloy element. Unlike standard thick-film resistors, metal strip resistors are more resistant to pulse loads and offer better thermal dissipation.
* **Terminal Type:** "V" often denotes a specific terminal plating or high-temperature rating, though this varies slightly by manufacturer.
### 3. Functional Application
Current sensing relies on Ohm’s Law ($V = I \times R$). Since the resistance ($R$) is a known constant (5mΩ), the circuit's microcontroller can calculate the current ($I$) by measuring the voltage ($V$) across the terminals.
**Common Use Cases:**
1. **Battery Management Systems (BMS):** Monitoring charge/discharge cycles in Li-ion batteries.
2. **DC-DC Converters:** Providing feedback loops for power regulation.
3. **Motor Controllers:** Detecting over-current conditions to protect the motor.
4. **Power Supplies:** Load monitoring in high-efficiency PSU units.
---
### 4. Part Number Breakdown
| Segment | Meaning |
| :--- | :--- |
| **ML** | Series Code (usually Metal Strip Low Ohm) |
| **2010** | Case Size (Inch dimensions: 0.20" x 0.10") |
| **V** | Feature Code (often refers to Power Rating or Operating Temp) |
| **R005** | Resistance Value (0.005 Ohms) |
| **F** | Tolerance (±1%) |
| **T** | Packaging Style (usually Tape & Reel) |
---
- ⤷What is the Maximum Operating Temperature for the ML2010 series?
- ⤷ How does a 4-terminal sensing layout differ from this 2-terminal 2010 part?
- ⤷ What are the alternatives to R005 if I need higher sensitivity?