công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MIPSZ2012D1R0

  • AI
    ## Analysis of MIPSZ2012D1R0 The **MIPSZ2012D1R0** is a specific electronic component belonging to the **Multilayer Chip Power Bead** family, commonly manufactured by companies like TDK. It is primarily used for EMI (Electromagnetic Interference) suppression in power lines. --- ### 1. Key Technical Specifications The part number provides specific information about its physical and electrical characteristics. Below is a breakdown of its core parameters: | Parameter | Value / Description | | :--- | :--- | | **Component Type** | Ferrite Bead (Multilayer Power Bead) | | **Package Size (EIA)** | 0805 (Metric: 2012) | | **Dimensions** | 2.0mm x 1.25mm x 0.85mm | | **Impedance (at 100MHz)** | 1.0 $\Omega$ | | **DC Resistance (Max)** | 0.01 $\Omega$ (10 m$\Omega$) | | **Rated Current (Max)** | 6.0 A | | **Operating Temperature** | -55°C to +125°C | --- ### 2. Functional Characteristics #### EMI Suppression Unlike a standard inductor which stores energy, a ferrite bead like the MIPSZ2012D1R0 acts as a **dissipative filter**. At low frequencies, it acts as a low-resistance conductor. At high frequencies (noise), it behaves like a resistor, converting electromagnetic noise into heat. #### High Current Handling The "Power" designation indicates that this component is designed with a low DC resistance (Rdc). This allows it to handle up to **6 Amperes** of current without significant voltage drop or overheating, making it ideal for power supply rails. --- ### 3. Application Areas This component is typically found in the following circuits: * **Power Supply Lines:** Filtering noise in DC-DC converters. * **Consumer Electronics:** Smart phones, tablets, and portable gaming devices. * **Automotive:** Infotainment systems and sensor power filtering. * **Industrial:** Noise suppression for high-current control boards. --- ### 4. Part Number Decoding (TDK Style) | Code | Meaning | | :--- | :--- | | **MIPSZ** | Series Name (Multilayer Chip Power Bead) | | **2012** | Dimensions (2.0mm x 1.25mm) | | **D** | Internal characteristic code | | **1R0** | Impedance value (1.0 Ohm) |
    ✨ Follow-up Questions
    • ⤷ How does the impedance of this bead change at frequencies higher than 100MHz?
    • ⤷ What are the primary differences between the MIPSZ and the standard MMZ series?
    • ⤷ Can this component be used in high-speed signal lines or only power lines?