MIC79110-4.2BML
AI

The **MIC79110-4.2BML** is a high-accuracy, full-featured linear battery charger IC developed by Micrel (now part of Microchip Technology). It is specifically designed for single-cell Lithium-Ion (Li-Ion) batteries.
---
## 1. Core Technical Specifications
The following table summarizes the key electrical characteristics of the MIC79110-4.2BML:
| Parameter | Specification |
| :--- | :--- |
| **Battery Chemistry** | Lithium-Ion / Lithium-Polymer |
| **Fixed Output Voltage** | 4.2V (±0.75% accuracy) |
| **Input Voltage Range** | 4.5V to 16V |
| **Charge Current** | Programmable up to 1.2A |
| **Package Type** | 10-Pin MLF® (3mm x 3mm) |
| **Operating Temp** | -40°C to +125°C |
---
## 2. Key Internal Components & Features
The MIC79110 integrates several electronic stages to ensure safe and efficient charging:
### A. Precision Voltage Reference
The "4.2" in the part number indicates a fixed 4.2V termination voltage. The internal reference is highly stable, ensuring the battery is not overcharged, which is critical for Li-Ion safety.
### B. Current Sense & Programming
* **ISET Pin:** This allows the user to set the maximum charging current using an external resistor.
* **Constant Current (CC) / Constant Voltage (CV):** The IC automatically transitions between these two modes as the battery reaches its capacity.
### C. Safety Mechanisms
* **Thermal Regulation:** Unlike simple chargers, this IC includes on-chip thermal limiting. If the die temperature rises too high, it automatically reduces the charge current to prevent damage.
* **Under-Voltage Lockout (UVLO):** Prevents the device from operating if the input voltage is too low to guarantee stable charging.
### D. Status Indicators
The chip features a **Charge Status Pin** (typically an open-collector output) that can drive an LED or interface with a microcontroller to indicate whether the battery is currently charging or if the cycle is complete.
---
## 3. Typical Application Circuit
To utilize the MIC79110, minimal external components are required:
```mermaid
graph LR
Vin[Input Voltage 5V-16V] --> MIC[MIC79110]
MIC --> Batt[Single Cell Li-Ion 4.2V]
Res[ISET Resistor] --- MIC
Cap1[Input Cap] --- Vin
Cap2[Output Cap] --- Batt
```
1. **Input Capacitor:** Usually a 1µF–10µF ceramic capacitor for stability.
2. **Output Capacitor:** Required to maintain the control loop stability.
3. **ISET Resistor:** Determines the charging speed (e.g., 500mA vs 1A).
---
## 4. Common Use Cases
* Handheld GPS units.
* Digital cameras and portable media players.
* Low-noise medical instrumentation.
* Industrial data loggers.
- ⤷
What is the formula to calculate the ISET resistor value for a specific charge current?
- ⤷ How does the thermal regulation feature differ from a standard thermal shutdown?
- ⤷ Can this IC be used with LiFePO4 batteries that require 3.6V?