công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MI-RJ71-MA

  • AI
    ## Overview of MI-RJ71-MA The **MI-RJ71-MA** is a high-performance, military-grade DC-DC converter module manufactured by **Vicor Corporation**. It belongs to the **MI-200 family**, specifically designed to meet the rigorous demands of aerospace and defense applications. --- ### 1. Key Technical Specifications The electronic characteristics of the MI-RJ71-MA are defined by its high power density and wide input range. | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 28V DC (Nominal) / 18V - 50V Range | | **Output Voltage** | 12V DC | | **Output Power** | 100 Watts | | **Product Grade** | Military (M-Grade) | | **Operating Temperature** | -55°C to +85°C | | **Efficiency** | Typically 80% - 90% | --- ### 2. Core Electronic Components & Features The module utilizes several advanced electronic architectures to ensure reliability: * **Zero-Current Switching (ZCS):** Unlike traditional high-frequency converters that suffer from switching losses, this module uses a resonant topology. This reduces electromagnetic interference (EMI) and increases efficiency. * **Encapsulated Packaging:** The internal circuitry is fully potted in a rugged, thermally conductive epoxy. This protects electronic parts from shock, vibration, and humidity. * **Input Filtering:** Includes internal suppression for transients, making it compatible with MIL-STD-704 and MIL-STD-1275 power requirements. * **Control Interface:** * **Gate In / Gate Out:** Pins used for synchronization and paralleling multiple modules for higher power. * **Sense Pins:** Compensates for voltage drops across the output leads to ensure precise 12V delivery at the load. * **Trim Pin:** Allows the user to adjust the output voltage slightly above or below the nominal 12V. --- ### 3. Protection Circuitry The internal electronics include several safety mechanisms: 1. **Overvoltage Protection (OVP):** Shuts down the module if the output voltage exceeds a safe threshold. 2. **Current Limiting:** Protects the module from short circuits or excessive load demands. 3. **Thermal Shutdown:** Monitors the baseplate temperature and disables switching if it exceeds 100°C. --- ### 4. Application Context Due to its **M-Grade** rating, this specific part is typically found in: * Airborne electronic systems. * Ground vehicle communication arrays. * Naval radar and navigation equipment. * Extreme environment industrial sensors.
    ✨ Follow-up Questions
    • ⤷ What are the specific mounting requirements for the MI-RJ71-MA baseplate?
    • ⤷ How does the Trim pin calculate the resistance needed for a 5% voltage increase?
    • ⤷ Is there a direct commercial-grade equivalent for this military module?