công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MHR63FBJ-R

  • AI
    The **MHR63FBJ-R** is a high-voltage, high-reliability diode typically utilized in specialized power supplies, CRT displays, and medical imaging equipment. It is manufactured by **Murata Manufacturing Co., Ltd.** and belongs to their line of high-voltage silicon rectifiers. ### 1. General Specifications The device is designed to handle extremely high peak reverse voltages while maintaining a compact form factor. | Parameter | Value / Description | | :--- | :--- | | **Component Type** | High Voltage Rectifier Diode | | **Peak Reverse Voltage ($V_{RM}$)** | 6 kV (6,000 Volts) | | **Average Rectified Current ($I_O$)** | ~10 mA to 50 mA (Depending on cooling) | | **Forward Voltage Drop ($V_F$)** | Approx. 10V - 25V (due to internal series junction) | | **Packaging** | Molded resin, Axial lead or specific lead-formed style | | **Manufacturer** | Murata | --- ### 2. Internal Construction Because a standard silicon diode cannot withstand 6,000V alone, the MHR63FBJ-R is constructed using a **Multi-junction Stack**: * **Series Connection:** Multiple diode chips are stacked in series inside a single molded package. * **Voltage Distribution:** This stacking allows the high reverse voltage to be distributed across several junctions, preventing breakdown. * **Encapsulation:** It is encased in a high-insulation epoxy resin to prevent arcing and corona discharge between the leads. --- ### 3. Key Electronic Characteristics * **Fast Recovery:** These diodes often feature fast recovery times to minimize switching losses in high-frequency power supplies. * **High Thermal Stability:** Designed to operate in environments where heat dissipation is limited by high-voltage insulation requirements. * **Low Leakage Current:** Crucial for maintaining the efficiency of high-voltage multiplier circuits (Cockcroft-Walton generators). --- ### 4. Typical Applications The MHR series is common in circuits where high DC voltage is required from an AC or pulsed source: * **CRT Focus Circuits:** Used in legacy television and monitor hardware for focus and G2 voltage regulation. * **Air Purifiers:** Powering the ionizer electrodes which require several kilovolts. * **X-Ray/Medical Equipment:** Small-scale high voltage generation for imaging sensors. * **Laser Power Supplies:** Providing the trigger or sustain voltage for gas lasers. --- ### 5. Handling and Safety Precautions 1. **Creepage and Clearance:** When PCB mounting, ensure there is sufficient distance between the diode leads to prevent "tracking" or arcing across the surface of the board. 2. **Potting:** In very high-voltage environments, these components are often "potted" (covered in silicone or epoxy) to exclude air and moisture. 3. **Polarity:** Ensure the cathode (indicated by a band or specific lead shape) is correctly oriented, as reverse biasing beyond 6kV will cause immediate catastrophic failure. ---
    ✨ Follow-up Questions
    • ⤷What is the standard recovery time for the MHR series diodes?
    • ⤷ Can this diode be used in a Cockcroft-Walton voltage multiplier?
    • ⤷ What are the recommended PCB layout tips for 6kV components?