công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MHR63FAJ-R

  • AI
    The **MHR63FAJ-R** is a high-voltage, high-frequency flyback transformer manufactured by **Murata**. It is a specialized electronic component primarily used in laser printers, photocopiers, and CRT-based equipment to generate the necessary high-voltage bias for processes like charging, developing, and transferring toner. --- ### 1. Technical Specifications The following table outlines the typical electrical and physical characteristics of this series: | Parameter | Description / Value | | :--- | :--- | | **Component Type** | High-Voltage Transformer (Flyback) | | **Input Voltage** | Typically 24V DC (driven by a switching circuit) | | **Output Voltage** | Variable (often in the range of 1kV to 10kV) | | **Operating Frequency** | 20 kHz to 100 kHz (High-Frequency) | | **Dielectric Strength** | High-grade insulation to prevent arcing | | **Mounting Type** | Through-hole (PCB Mount) | | **Compliance** | RoHS compliant (indicated by the "-R" suffix) | --- ### 2. Internal Electronic Structure The MHR63FAJ-R is more than just a simple coil; it is an integrated magnetic assembly consisting of: * **Primary Winding:** Designed for low voltage and high current. It receives the pulsed signal from a switching transistor (MOSFET). * **Secondary Winding:** Consists of thousands of turns of very fine wire to step up the voltage via electromagnetic induction. * **Ferrite Core:** A high-permeability core that minimizes eddy current losses at high frequencies. * **Integrated Diodes:** Often contains internal high-voltage rectifiers (diodes) to convert the AC output into a DC bias. * **Encapsulation:** The entire unit is usually potted in epoxy resin to provide structural integrity and insulation against high-voltage leakage. --- ### 3. Key Functions & Applications The part is engineered for precision high-voltage regulation. Its roles include: 1. **Laser Printing:** Generating the **Charge Roller** or **Developer Roller** bias. 2. **Electrostatic Precipitation:** Used in air purifiers to charge dust particles. 3. **Medical Equipment:** High-voltage generation for specific diagnostic sensors. 4. **Display Technology:** Providing the anode voltage for small CRTs or vacuum fluorescent displays (VFDs). --- ### 4. Safety and Handling Because the MHR63FAJ-R generates lethal voltages: * **Creepage and Clearance:** The PCB layout must respect strict spacing to prevent arcing between pins. * **Discharge:** Capacitance within the transformer or connected circuit can hold a charge even after power is removed. * **Heat Dissipation:** Ensure adequate airflow, as high-frequency switching generates thermal stress in the ferrite core.
    ✨ Follow-up Questions
    • ⤷ What are the common failure symptoms of the MHR63FAJ-R in laser printers?
    • ⤷ Can you provide a typical driving circuit diagram for this transformer?
    • ⤷ How does the '-R' suffix specifically affect the manufacturing standards of this part?