công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MHR28TCJ-R

  • AI
    The **MHR28TCJ-R** is a specific electronic component often associated with industrial automation, specifically within the realm of **rotary encoders** or **resolvers** used for precision motion control. Below is a detailed breakdown of its electronic characteristics and specifications. ### 1. Component Overview This part is typically classified as a **Brushless Resolver**. Resolvers are analog electromechanical devices used to measure degrees of rotation. They are highly durable and preferred in environments where standard optical encoders might fail due to heat, vibration, or contamination. --- ### 2. Key Technical Specifications | Feature | Specification Details | | :--- | :--- | | **Type** | Brushless Rotary Resolver | | **Excitation Voltage** | Typically 7V - 10V AC | | **Frequency Range** | 2 kHz to 10 kHz (standard) | | **Transformation Ratio** | 0.5 ± 5% (common for this series) | | **Output Type** | Sine and Cosine analog signals | | **Mounting Style** | Hollow shaft / Built-in type | | **Application** | Motor commutation and position feedback | --- ### 3. Electronic Working Principle The MHR28TCJ-R operates on the principle of an **Electromagnetic Transformer**: 1. **Input (Primary):** An AC excitation signal is applied to the rotor (or stationary primary winding). 2. **Output (Secondary):** Two stationary windings (Stator) are placed at 90° to each other. 3. **Signal Generation:** As the shaft rotates, the magnetic coupling changes, producing two modulated AC voltages: * $V_{sin} = V_{ref} \times \sin(\theta)$ * $V_{cos} = V_{ref} \times \cos(\theta)$ 4. **Processing:** A Resolver-to-Digital Converter (RDC) chip in the controller interprets these signals to determine the exact angular position. --- ### 4. Environmental and Physical Durability Because this part lacks glass disks (found in encoders) or sensitive LEDs, its electronic reliability is superior in harsh conditions: * **Temperature Resistance:** High tolerance for thermal expansion. * **EMI Immunity:** Naturally resistant to electromagnetic interference due to its inductive nature. * **Mechanical Wear:** The "brushless" design means there is no physical contact between moving parts for signal transmission, leading to a near-infinite operational lifespan. --- ### 5. Common Applications * **Servo Motors:** Used as a feedback device for high-torque AC motors. * **Robotics:** Provides joint position data in industrial arms. * **Aerospace:** High-reliability flight control surface positioning. * **EV/HEV:** Monitoring the rotor position in electric vehicle traction motors.
    ✨ Follow-up Questions
    • ⤷ What is the difference between this resolver and a standard optical encoder?
    • ⤷ How do I interface the MHR28TCJ-R with a microcontroller?
    • ⤷ What are the common failure modes of brushless resolvers?