MHR16FFJ-R
AI

The **MHR16FFJ-R** is a high-voltage, high-reliability thick film resistor, typically used in specialized industrial and medical applications. It is part of the MHR series manufactured by companies like **Vishay** or **Murata** (depending on the specific catalog era), designed to withstand high operating voltages in a small form factor.
---
### ## Technical Specifications
Below are the primary electronic characteristics of the MHR16FFJ-R:
| Parameter | Specification |
| :--- | :--- |
| **Resistor Type** | Thick Film High Voltage Resistor |
| **Resistance Value** | 16 MΩ (Megaohms) |
| **Tolerance** | ±1% (denoted by 'F' in the part number) |
| **Power Rating** | 0.5W to 1W (varies by mounting/ambient temp) |
| **Max Operating Voltage** | Up to 10kV - 15kV (Series specific) |
| **Package / Case** | Radial Lead (Through-hole) |
| **Coating** | Flame retardant epoxy / Silicone encapsulation |
---
### ## Key Features
* **High Voltage Stability:** Designed to prevent arcing and breakdown at potentials exceeding several thousand volts.
* **Precision:** The "F" code indicates a 1% tolerance, which is high precision for high-voltage components usually rated at 5% or 10%.
* **Low TCR:** Features a low Temperature Coefficient of Resistance, meaning the resistance stays stable even as the component heats up.
* **Compact Design:** The radial lead configuration allows for high-density packing on PCBs compared to axial resistors.
---
### ## Common Applications
The MHR16FFJ-R is typically found in circuits where high-impedance voltage sensing or current limiting is required:
1. **X-Ray Power Supplies:** Used in voltage divider strings to monitor high-voltage outputs.
2. **Air Purifiers/Ionizers:** Controls the high-voltage discharge pins.
3. **CRT Displays:** Used in legacy monitors or specialized medical imaging screens.
4. **Copy Machines:** Part of the high-voltage corona wire power supply unit.
5. **Scientific Instrumentation:** Used in mass spectrometers and electron microscopes.
---
### ## Part Number Breakdown (Typical)
| Segment | Meaning |
| :--- | :--- |
| **MHR** | Series (Metal High-voltage Resistor) |
| **16** | Resistance Value (Base) |
| **F** | Multiplier / Value Code |
| **F** | Tolerance (±1%) |
| **J** | Temperature Coefficient / Packaging Code |
| **-R** | RoHS Compliant (Lead-free) |
---
- ⤷
What is the maximum surge voltage rating for the MHR series?
- ⤷ How does the power derating curve affect this resistor at high temperatures?
- ⤷ Can this resistor be used in oil-immersed high-voltage environments?