công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MHO377TCD-R

  • AI
    The **MHO377TCD-R** belongs to a specialized category of electronic components, specifically a **Surface Mount Device (SMD) Crystal Oscillator**. These parts are critical for providing a stable clock signal to microprocessors and integrated circuits. ### 1. Key Technical Specifications Based on the standard nomenclature for the MHO series, here are the technical characteristics: | Parameter | Specification | | :--- | :--- | | **Component Type** | XO (Crystal Oscillator) | | **Package Type** | SMD (Surface Mount Device) | | **Dimensions** | Usually 7.0 x 5.0 mm or 5.0 x 3.2 mm (Standard MHO form factor) | | **Output Type** | CMOS / TTL Compatible | | **Voltage Supply** | Typically 3.3V or 5.0V | | **Frequency Range** | High frequency (Specific MHz value varies by sub-model) | | **Stability** | Usually ±25ppm to ±100ppm | --- ### 2. Breakdown of the Part Number The alphanumeric code provides specific details about the component's construction: * **MHO:** Series designation (often associated with manufacturers like MtronPTI or similar frequency control specialists). * **37:** Denotes the physical package size and pin configuration (4-pad SMD). * **T:** Represents the Temperature Range (usually Industrial: -40°C to +85°C). * **C:** Indicates the Output Type (CMOS). * **D:** Often refers to the Duty Cycle (e.g., 40/60% or 45/55%). * **R:** Indicates **RoHS Compliance** (Lead-free) or Tape & Reel packaging. --- ### 3. Functional Role in Electronics The MHO377TCD-R serves as the "heartbeat" of a circuit. Its primary functions include: 1. **Timing Reference:** Generates a precise square wave signal used to synchronize data transfers. 2. **Frequency Generation:** Used in telecommunications, networking (Ethernet), and consumer electronics. 3. **Stability:** Unlike simple resonators, this is an active oscillator (it contains a crystal plus the oscillation circuitry), meaning it provides a cleaner, more reliable signal under varying temperatures. ### 4. Implementation Details When designing a PCB for this part, engineers must consider: * **Decoupling:** A 0.01µF to 0.1µF capacitor should be placed near the Vcc pin to filter noise. * **Enable/Disable Function:** Pin 1 is often a "Tri-state" pin, allowing the oscillator to be turned off to save power. ```c // Example: Conceptual use of an oscillator signal in firmware // The hardware oscillator drives the MCU's internal clock system. void clock_init() { // Select External Oscillator (MHO Series) as system clock source RCC->CR |= RCC_CR_HSEON; while(!(RCC->CR & RCC_CR_HSERDY)); // Wait for stable signal } ```
    ✨ Follow-up Questions
    • ⤷ What are the exact dimensions for the 37 package size?
    • ⤷ How does a CMOS output compare to a PECL output in oscillators?
    • ⤷ What is the maximum frequency available for the MHO series?