MHO366FAG-R
AI

The **MHO366FAG-R** is a specific type of **Crystal Oscillator**, specifically a member of the MHO series manufactured by **MtronPTI**. These components are critical in electronic circuits for providing a stable clock signal.
---
### 1. Key Technical Specifications
The part number follows a specific nomenclature that defines its electronic characteristics. Below are the primary specifications for this component:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Type** | Fixed Crystal Oscillator | A complete timing solution including the crystal and the oscillating circuit. |
| **Frequency Stability** | ±100 ppm (Typical) | The maximum deviation from the nominal frequency over temperature. |
| **Output Type** | HCMOS / TTL | Compatible with high-speed CMOS and Transistor-Transistor Logic circuits. |
| **Supply Voltage (Vcc)** | 5.0V | Operates on a standard 5V power rail. |
| **Package Style** | 14-pin DIP (Half-Size) | A 4-pin metal "Half-DIP" package that fits through-hole PCBs. |
| **Operating Temp** | 0°C to +70°C | Standard commercial temperature range. |
---
### 2. Functional Electronic Parts
Inside the metal can of the MHO366FAG-R, there are three main internal electronic sections:
1. **Quartz Crystal Blank:** A precision-cut piece of quartz that vibrates at a specific frequency when an electrical field is applied (Piezoelectric effect).
2. **Oscillator IC:** An integrated circuit that provides the necessary gain to maintain oscillation and converts the sine wave into a square wave.
3. **Bypass Capacitor:** Internal capacitance used to filter noise from the power supply to ensure signal purity.
---
### 3. Pin Configuration
Although it uses a "14-pin DIP" footprint, only 4 pins are physically present:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **Pin 1** | NC / Tri-state | No connection or Output Enable/Disable. |
| **Pin 7** | GND | Circuit Ground. |
| **Pin 8** | Output | The generated clock signal (Square Wave). |
| **Pin 14** | Vcc | +5.0V Power Supply. |
---
### 4. Application Use Cases
This component is generally used in legacy systems or industrial equipment where stability is required over a long period:
* **Microprocessor Clocks:** Providing the heartbeat for CPUs and MCUs.
* **Networking Gear:** Timing for data packet transmission.
* **Embedded Systems:** General-purpose timing for industrial controllers.
- ⤷
What is the specific output frequency of the MHO366FAG-R version you are using?
- ⤷ Are there surface-mount (SMD) equivalents to this 14-pin DIP oscillator?
- ⤷ How does 'Tri-state' functionality affect the power consumption of this part?