công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MHO328FAG-R

  • AI
    The **MHO328FAG-R** is a specific part number belonging to the **MHO Series** of high-performance crystal oscillators manufactured by **MtronPTI**. These components are critical for providing accurate timing and frequency signals in electronic circuits. ### 1. Technical Specifications The part number breakdown reveals specific characteristics of the component: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Series** | MHO | 14-pin DIP (Dual In-line Package) or 4-pin square package style. | | **Output Type** | HCMOS / TTL | Compatible with high-speed CMOS and standard TTL logic circuits. | | **Stability** | ±100 ppm | Standard frequency stability over the operating temperature range. | | **Voltage** | 5.0V | Operates on a standard 5-volt power supply. | | **Package Style** | Full Size / Half Size | Typically housed in a hermetically sealed metal "can" for durability. | | **RoHS Status** | -R (Suffix) | Indicates the part is Lead-Free and RoHS compliant. | --- ### 2. Functional Description The MHO328FAG-R serves as the "heartbeat" of a digital system. It consists of a quartz crystal resonator combined with an integrated circuit (oscillator) to produce a stable square wave. * **Frequency Generation:** It converts DC electrical energy from the power supply into a precise AC signal (Frequency). * **Hermetic Sealing:** The metal enclosure protects the quartz crystal from environmental factors like humidity and oxidation, ensuring long-term frequency aging stability. * **Tri-state Functionality:** Many versions of the MHO series include an "Enable/Disable" function (Pin 1), allowing the output to be turned off to save power or perform system testing. --- ### 3. Common Applications Due to its robust metal packaging and 5V compatibility, this part is frequently found in: 1. **Industrial Controls:** Used in PLCs and automation equipment requiring 5V logic. 2. **Legacy Computing:** Common in older motherboard designs or embedded systems. 3. **Communication Equipment:** Providing clock signals for data transmission hardware. 4. **Test and Measurement:** Used in signal generators and frequency counters. --- ### 4. Pin Configuration (Typical 4-Pin) | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | N/C or Tri-state | No connection or Output Enable/Disable. | | **7** | Ground | Circuit common/Case ground. | | **8** | Output | The generated clock signal. | | **14** | Vcc | +5.0V Power Supply. |
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency of the MHO328FAG-R variant?
    • ⤷ Can this oscillator be used in a 3.3V system without a level shifter?
    • ⤷ What are the storage temperature limits for MtronPTI MHO series oscillators?