công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MHO317FCD-R

  • AI
    ## Technical Overview: MHO317FCD-R The **MHO317FCD-R** is a specific electronic component belonging to the **Photocoupler (Optocoupler)** category, typically manufactured by **Everlight Electronics** or similar optoelectronic specialists. These devices are designed to transfer electrical signals between two isolated circuits by using light. --- ### 1. Key Specifications and Components The internal structure of the MHO317FCD-R consists of two primary electronic parts housed in a single package: | Component | Part Type | Function | | :--- | :--- | :--- | | **Input Side** | Infrared Emitting Diode (IRED) | Converts electrical input current into light energy. | | **Output Side** | Photo-Transistor | Detects light from the IRED and converts it back into an electrical current. | | **Dielectric Gap** | Internal Insulation | Physically separates input/output to provide high-voltage isolation. | ### 2. Electronic Characteristics Based on the standard parameters for the MHO/EL317 series, the following electronic traits are prominent: * **Isolation Voltage:** Usually rated around **5000 Vrms**, protecting low-voltage control circuits from high-voltage surges. * **Current Transfer Ratio (CTR):** This defines the efficiency of the coupling. For this specific model, the "R" often denotes a specific CTR rank (e.g., 100% to 300% at a specific input current). * **Package Type:** Typically a **DIP (Dual In-line Package)** or **SOP (Small Outline Package)** depending on the specific suffix, allowing for PCB through-hole or surface mounting. * **Response Time:** Fast switching speeds suitable for digital logic interfaces. --- ### 3. Circuit Application In an electronic circuit, the MHO317FCD-R acts as a bridge. Below is a simplified representation of how it is wired: ```text [Input Circuit] ---> [Internal LED] ~~~ (Light) ~~~ [Photo-Transistor] ---> [Output Circuit] (Control Signal) (Isolation Barrier) (Switching Action) ``` ### 4. Primary Uses 1. **Switching Mode Power Supplies (SMPS):** Providing feedback from the output side to the input side while maintaining isolation. 2. **Logic Ground Isolation:** Separating the ground of a microcontroller (like an Arduino or ESP32) from high-power motor drivers. 3. **System Interfaces:** Connecting systems with different voltage potentials and impedance levels. --- ### 5. Summary Table | Feature | Description | | :--- | :--- | | **Device Category** | Transistor Output Optocoupler | | **Input Current (If)** | Typically 5mA - 20mA | | **Collector-Emitter Voltage** | Usually up to 80V | | **Compliance** | RoHS and Lead-Free |
    ✨ Follow-up Questions
    • ⤷What is the specific Current Transfer Ratio (CTR) range for the 'R' rank?
    • ⤷ How does the MHO317FCD-R compare to the standard PC817 optocoupler?
    • ⤷ What are the pinout configurations for this specific model?