MHO+78TDD-R
AI

The **MHO+78TDD-R** is a high-performance, differential crystal oscillator (XO) manufactured by **MtronPTI**. It is specifically designed for high-frequency applications requiring low jitter and stable timing.
### 1. General Specifications
The part number follows a specific nomenclature used by MtronPTI to define its electrical characteristics.
| Parameter | Specification |
| :--- | :--- |
| **Output Type** | LVDS (Low Voltage Differential Signaling) |
| **Operating Voltage** | 3.3V (Standard for +78 series) |
| **Package Size** | 5.0 x 7.0 mm (6-pad SMD) |
| **Frequency Range** | Typically 150MHz to 800MHz (Depends on specific tuning) |
| **Stability** | ±50ppm or ±25ppm (Standard options) |
---
### 2. Key Electronic Components & Features
* **Differential LVDS Driver:** Unlike standard CMOS oscillators, the "TDD" designation indicates an LVDS output. This provides excellent noise immunity and low EMI, making it ideal for high-speed data transmission.
* **Internal Voltage Regulation:** Includes internal circuitry to minimize phase noise caused by power supply fluctuations (PSRR).
* **Tristate Function (Pin 1):** The "R" suffix often denotes the specific pin configuration or RoHS compliance, but primarily, these units feature an Enable/Disable function on Pin 1.
* **Logic High:** Oscillator output is active.
* **Logic Low:** Output enters high impedance (Z) to save power.
---
### 3. Pinout Configuration
The MHO+ series typically utilizes a standard 6-pad layout for differential oscillators:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | E/D (Enable/Disable) | Control signal to activate/deactivate output |
| **2** | N/C | No Connection (internal use only) |
| **3** | GND | Case and circuit ground |
| **4** | Output (+) | Non-inverted LVDS signal |
| **5** | Output (-) | Inverted LVDS signal |
| **6** | Vcc | Positive supply voltage (+3.3V) |
---
### 4. Typical Applications
Due to its low jitter and differential signaling, this part is commonly used in:
* **Networking:** Gigabit Ethernet, Fibre Channel, and SONET/SDH.
* **Computing:** High-speed SerDes (Serializer/Deserializer) clocking.
* **FPGA Clocking:** Providing a clean reference clock for Xilinx or Intel Altera FPGAs.
---
- ⤷
What is the maximum phase jitter specification for the MHO+78TDD-R?
- ⤷ Can this oscillator be operated at 2.5V instead of 3.3V?
- ⤷ How does LVDS compare to LVPECL in terms of power consumption for this part?