AI

The **MHO+78TAD-R** is a specific series of high-precision crystal oscillators manufactured by **MtronPTI**. These components are widely used in telecommunications, networking, and industrial applications where stable clock signals are required.
---
### 1. Component Overview
The "MHO" series typically represents **Metal Half-size Oscillators**. These are active components that generate a precise frequency signal (usually a square wave) to drive microprocessors or synchronize data transmission.
### 2. Technical Specifications
Below is a breakdown of the typical characteristics for this part series:
| Parameter | Specification |
| :--- | :--- |
| **Type** | Crystal Oscillator (XO) |
| **Package** | 8-pin DIP (Half-size), Metal Can |
| **Input Voltage ($V_{cc}$)** | Typically +5.0V or +3.3V |
| **Output Type** | HCMOS / TTL Compatible |
| **Frequency Range** | Varies (specific to the suffix, e.g., 1.0 MHz to 150 MHz) |
| **Operating Temperature** | Commercial (0°C to +70°C) or Industrial (-40°C to +85°C) |
| **Stability** | Generally ±25ppm to ±100ppm |
---
### 3. Part Number Decoding (Typical Mtron nomenclature)
While specific internal codes can vary, the alphanumeric string generally breaks down as follows:
* **MHO**: Series identifier (Metal Half-size, Through-hole).
* **7**: Often denotes the voltage (e.g., 7 = 5.0V, 8 = 3.3V).
* **8**: May indicate the output type or symmetry (e.g., 45/55% duty cycle).
* **TAD**: Custom internal configuration or specific temperature/stability rating.
* **R**: Generally stands for **RoHS Compliant** (lead-free).
---
### 4. Pin Configuration
For a standard 8-pin DIP (Half-size) oscillator like the MHO series, the pinout is usually:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **Pin 1** | NC or Tri-state | No connection or Output Enable/Disable |
| **Pin 4** | Case Ground | Connected to the metal housing for EMI shielding |
| **Pin 5** | Output | The generated frequency signal |
| **Pin 8** | +Vcc | Positive supply voltage |
---
### 5. Applications
* **Networking:** Routers, switches, and modems.
* **Industrial:** PLCs (Programmable Logic Controllers) and automation sensors.
* **Legacy Systems:** Often used as a replacement part for older boards requiring through-hole components.
- ⤷
What is the exact frequency of the MHO+78TAD-R version you are looking for?
- ⤷ Are you looking for a modern surface-mount (SMD) equivalent for this part?
- ⤷ Do you need the specific datasheet for the 'TAD' configuration?