MHO+78TAAD-R
AI

The **MHO+78TAAD-R** is a high-performance **Crystal Oscillator** manufactured by MtronPTI. It belongs to the MHO+ series, which are designed for high-frequency stability and durability in industrial and commercial applications.
### 1. Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Crystal Oscillator (Fixed) |
| **Frequency Range** | Typically available from 1 MHz to 150 MHz |
| **Supply Voltage (Vcc)** | 5.0 Volts |
| **Output Type** | TTL / HCMOS Compatible |
| **Package Style** | 14-pin DIP (Full Size) - 4 pins connected |
| **Operating Temperature** | Standard industrial ranges (e.g., -40°C to +85°C) |
| **RoHS Status** | RoHS Compliant (indicated by the -R suffix) |
---
### 2. Part Number Breakdown
The alphanumeric code follows a specific nomenclature used by MtronPTI to define the component's characteristics:
* **MHO+**: Series designation (High-speed CMOS/TTL compatible).
* **7**: Specifies the Voltage (in this case, 5.0V).
* **8**: Denotes the Frequency Stability (typically ±50ppm or ±100ppm depending on specific sub-charts).
* **T**: Operating Temperature Range.
* **AA**: Symmetry/Duty Cycle requirements (usually 40/60% or 45/55%).
* **D**: Pinout configuration/Package (14-pin DIP through-hole).
* **-R**: Indicates **RoHS Compliance** (Lead-free).
---
### 3. Pin Configuration
The "D" package is a 14-pin DIP, but only 4 pins are active:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | NC or Tri-state | No connection or Output Enable/Disable |
| **7** | GND | Circuit Ground |
| **8** | Output | The generated frequency signal |
| **14** | Vcc | +5.0V Power Supply |
---
### 4. Key Applications
Because of its 5V operation and robust DIP packaging, this part is commonly found in:
1. **Legacy Computing:** Replacement parts for older motherboards or industrial controllers.
2. **Embedded Systems:** Providing a clock source for microprocessors and FPGAs.
3. **Communication Equipment:** Used in modems and routers requiring stable timing.
4. **Test & Measurement:** Internal clocking for oscilloscopes or signal generators.
---
- ⤷
What is the specific frequency of the MHO+78TAAD-R unit you are looking at?
- ⤷ Can this oscillator be used in a 3.3V circuit without a level shifter?
- ⤷ What are the common alternatives if this specific DIP package is obsolete?