MHO+77FDD-R
AI

The **MHO+77FDD-R** is a specific part number typically associated with **MHO (Crystal Oscillators)** manufactured by companies like **Mercury Electronic**. These components are precision timing devices used in various digital circuits.
---
### 1. Technical Specification Table
Below is a breakdown of the typical characteristics for this series of crystal oscillators:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Crystal Oscillator (XO) |
| **Package Style** | DIP-14 (Full size) or DIP-8 (Half size) |
| **Output Type** | CMOS / TTL Compatible |
| **Operating Voltage** | Typically 5.0V (Standard for MHO series) |
| **Frequency Stability** | ±25ppm to ±100ppm (depending on suffix) |
| **Operating Temp** | -10°C to +70°C (Standard) |
| **RoHS Status** | Compliant (Indicated by the **-R** suffix) |
---
### 2. Breakdown of the Part Number
The alphanumeric code provides specific details about the component's construction:
* **MHO**: Represents the series (Mercury High Output/Metal Hermetic Oscillator). These are usually housed in a metal "can" to provide EMI shielding.
* **77**: Often refers to the specific frequency stability or a variation in the internal IC used for the clock generation.
* **FDD**: This is a manufacturer-specific code usually denoting the frequency and the output load requirements (e.g., 50pF or 15pF load).
* **-R**: Standing for **RoHS Compliant**, meaning the part is lead-free and meets environmental safety standards.
---
### 3. Key Features & Applications
#### Features
* **Hermetic Sealing:** The metal casing is vacuum-sealed or filled with nitrogen to protect the quartz crystal from moisture and oxidation.
* **Low Jitter:** Designed to provide a clean square wave signal for high-speed digital processing.
* **Plug-and-Play:** Unlike a simple 2-pin crystal, this is an **Active Oscillator** (4-pins), meaning it has its own internal circuitry and only requires power to generate a clock signal.
#### Common Applications
1. **Microprocessors:** Providing the "heartbeat" for CPUs and Microcontrollers.
2. **Networking Gear:** Used in routers and switches for data synchronization.
3. **Industrial Controllers:** Reliable timing for PLCs and automation hardware.
4. **Legacy Systems:** Often found in older computing hardware due to the DIP-14/DIP-8 through-hole form factor.
---
### 4. Pinout Configuration (Standard DIP-14)
If the device is in a standard 4-pin (DIP-14 footprint) configuration, the pins are usually assigned as follows:
```text
Pin 1: NC (No Connection) or Tri-state Control
Pin 7: GND (Ground)
Pin 8: Output (Clock Signal)
Pin 14: Vcc (+5V DC)
```
- ⤷
What is the specific frequency of your MHO+77FDD-R unit?
- ⤷ Do you need a modern surface-mount (SMD) equivalent for this part?
- ⤷ How do you test if this oscillator is functioning correctly in a circuit?