MHO+76TGD-R
AI

The **MHO+76TGD-R** is a specific part number for a high-performance **Crystal Oscillator (XO)** manufactured by **MtronPTI**. These components are critical for providing stable timing signals in telecommunications, aerospace, and high-speed networking equipment.
---
### 1. Key Technical Specifications
The part number follows a specific nomenclature. Below are the primary technical characteristics associated with this series:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Crystal Oscillator (XO) |
| **Output Type** | CMOS / TTL |
| **Voltage Supply** | 5.0V (Standard for MHO series) |
| **Package Style** | 14-pin DIP (Full-size) or 8-pin DIP (Half-size) |
| **Frequency Range** | 1.0 MHz to 150.0 MHz (Depends on specific sub-code) |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **Stability** | ±100ppm to ±25ppm (Defined by the "76" code) |
---
### 2. Breakdown of the Part Number
While internal manufacturer codes can vary slightly, the "MHO" series generally breaks down as follows:
* **MHO:** Series designation (Metal Hermetic Oscillator).
* **7:** Indicates the voltage and package type (usually 5.0V, Full-size 14-pin DIP).
* **6:** Specifies the frequency stability (e.g., ±25ppm).
* **T:** Temperature range (T often denotes extended/industrial range: -40°C to +85°C).
* **G:** Duty Cycle / Symmetry requirement (typically 40/60% or 45/55%).
* **D:** Tri-state Enable/Disable function (allows the output to be turned off for testing).
* **R:** RoHS Compliant (Lead-free).
---
### 3. Application and Usage
Because this is a **Through-Hole (DIP)** component rather than an SMT (Surface Mount) device, it is typically found in:
* **Legacy Systems:** Maintenance and repair of older industrial controllers.
* **Prototyping:** Easier to use on breadboards or through-hole PCBs.
* **High-Reliability Gear:** The hermetically sealed metal package provides excellent protection against electromagnetic interference (EMI).
### 4. Comparison with Modern Alternatives
| Feature | MHO+76TGD-R (DIP) | Modern SMT (e.g., 7050 size) |
| :--- | :--- | :--- |
| **Mounting** | Through-hole (requires drilling) | Surface Mount (pick-and-place) |
| **Size** | Large (approx. 20mm x 13mm) | Small (approx. 7mm x 5mm) |
| **Durability** | High (Metal Casing) | Moderate (Ceramic Casing) |
| **Availability** | Often specialized/Legacy | Mass-market |
---
- ⤷
What is the specific frequency output of your MHO+76TGD-R unit?
- ⤷ Do you need a modern Surface Mount (SMD) equivalent for this part?
- ⤷ Are you looking for a pinout diagram for the 14-pin DIP configuration?