MHO+76TFG-R
AI

Based on the part number **MHO+76TFG-R**, this component is a **Crystal Oscillator** manufactured by **MtronPTI**. It belongs to the MHO series, which are typically high-reliability, fixed-frequency clock oscillators used in industrial and telecommunications applications.
### 1. Part Number Breakdown
The alphanumeric code provides specific details regarding the component's performance characteristics:
| Code Segment | Meaning | Specification |
| :--- | :--- | :--- |
| **MHO** | Series Name | MHO Series (HCMOS/TTL compatible) |
| **+** | RoHS Compliance | Lead-free / RoHS compliant |
| **7** | Supply Voltage | 3.3V DC (Standard for '7' designation) |
| **6** | Stability | ±25 ppm (Parts Per Million) |
| **T** | Symmetry/Duty Cycle | 45/55% |
| **F** | Operating Temp | -40°C to +85°C (Industrial Grade) |
| **G** | Output Load | 15 pF |
| **-R** | Packaging | Tape & Reel |
---
### 2. Technical Specifications
The "76TFG" configuration implies a high-precision, wide-temperature range oscillator. Below are the typical electronic characteristics for this series:
* **Output Type:** HCMOS / TTL.
* **Frequency Range:** Usually available from 1.000 MHz to 125.000 MHz (Actual frequency is usually printed on the physical package).
* **Frequency Stability:** ±25 ppm (includes initial tolerance, temperature variation, and voltage change).
* **Operating Voltage:** 3.3V (±10%).
* **Operating Temperature:** -40°C to +85°C.
* **Package Type:** 14-pin DIP or 4-pin Half-size DIP (Internal crystal is hermetically sealed).
---
### 3. Pin Configuration
The MHO series generally follows a standard 4-pin layout (often housed in a 14-pin DIP metal package where only 4 pins are used):
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 1 | NC / E/D | No Connection or Enable/Disable (Tristate) |
| 7 | GND | Case Ground |
| 8 | Output | Clock Signal Output |
| 14 | Vcc | +3.3V Power Supply |
---
### 4. Applications
Due to its wide temperature range and tight stability, this part is commonly found in:
* **Networking Hardware:** Routers, switches, and modems.
* **Industrial Controls:** Automation systems requiring reliable timing in harsh environments.
* **Embedded Systems:** Microcontrollers and FPGA clocking.
* **Testing Equipment:** Precision measurement tools.
- ⤷What is the exact frequency of your MHO+76TFG-R unit?
- ⤷ Do you need the Pin 1 Tri-state truth table for this oscillator?
- ⤷ Are you looking for a surface-mount equivalent to this DIP part?