MHO+76FBD-R
AI

The **MHO+76FBD-R** refers to a high-precision, high-frequency crystal oscillator, typically manufactured by companies like **MtronPTI**. These components are critical in telecommunications and data processing for providing a stable clock signal.
---
### 1. General Specifications
The part number follows a specific nomenclature that defines its electrical and physical characteristics:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Crystal Oscillator (XO) |
| **Output Type** | CMOS / TTL Compatible |
| **Supply Voltage** | Typically 5.0V or 3.3V (Varies by sub-series) |
| **Package Style** | 14-pin DIP (Dual In-line Package) - Full Size |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **Frequency Stability** | ±100ppm to ±25ppm (depending on suffix) |
---
### 2. Key Internal Components
An oscillator of this type is not just a crystal; it is an integrated circuit module consisting of:
1. **Quartz Crystal Resonator:** The heart of the part, cut at a specific angle (usually AT-cut) to vibrate at the target frequency.
2. **Oscillator IC:** An internal circuit that maintains the oscillation of the crystal and converts the mechanical vibration into an electrical square wave.
3. **Bypass Capacitor:** Built-in capacitance to filter power supply noise and ensure signal integrity.
4. **Hermetic Seal:** The metal "can" package is resistance-welded to protect the internal quartz from moisture and aging.
---
### 3. Pin Configuration (14-Pin DIP Layout)
Although it has a 14-pin footprint, most pins are usually omitted, leaving only 4 functional pins:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | NC or E/D | No Connection or Output Enable/Disable |
| **7** | GND | Case Ground |
| **8** | Output | The generated clock signal (Square Wave) |
| **14** | Vcc | Positive Power Supply |
---
### 4. Application Areas
The **MHO series** is known for its reliability in "legacy" or "through-hole" PCB designs. Common uses include:
* **Networking Hardware:** Routers, switches, and hubs.
* **Industrial Control:** PLCs and timing modules.
* **Legacy Computing:** Motherboards or expansion cards requiring a stable 14-pin DIP clock source.
---
### 5. Part Number Breakdown (Typical)
* **MHO:** Series designation (MtronPTI High-speed Oscillator).
* **7:** Voltage/Package identifier (Full size 14-pin DIP).
* **6:** Temperature range indicator.
* **FBD:** Specific frequency stability and duty cycle code.
* **-R:** RoHS Compliant (Lead-free).
- ⤷
What is the exact frequency of the MHO+76FBD-R you are using?
- ⤷ How do I test if this oscillator is functioning correctly using an oscilloscope?
- ⤷ Are there surface-mount (SMD) equivalents for this 14-pin DIP part?