MHO+74TFD-R
AI

The **MHO+74TFD-R** is a high-precision, surface-mount (SMD) **Temperature Compensated Crystal Oscillator (TCXO)** manufactured by **Mercury Electronic**. These components are critical in telecommunications and radio frequency applications where frequency stability across varying temperatures is required.
---
### ## Technical Specifications
Below are the primary electronic characteristics typical of the MHO+ series (specifically the 74TFD-R variant):
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | TCXO (Temperature Compensated Crystal Oscillator) |
| **Package Size** | 7.0 x 5.0 mm (6 pads) |
| **Output Type** | True Sine Wave / Clipped Sine / CMOS (Varies by sub-spec) |
| **Supply Voltage (Vdd)** | +3.3V DC (Standard) |
| **Frequency Stability** | ±0.5ppm to ±2.5ppm (Over Temp) |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **RoHS Status** | Compliant (R suffix denotes RoHS) |
---
### ## Breakdown of the Part Number
The alphanumeric code provides specific details about the component's construction:
* **MHO+**: The series identifier for Mercury's High-Stability Oscillators.
* **74**: Indicates the physical package size (7.0 x 5.0 mm).
* **TFD**: Represents the internal circuit configuration, frequency adjustment type (Voltage Control or Fixed), and output waveform characteristics.
* **-R**: Indicates the part is **RoHS Compliant** (Lead-free).
---
### ## Key Electronic Features
1. **Temperature Compensation**: Unlike standard crystals, this part contains an internal compensation circuit that senses the ambient temperature and adjusts the load capacitance to keep the frequency from drifting.
2. **Low Phase Noise**: Designed for RF applications where signal purity is essential for data integrity.
3. **Low Current Consumption**: Optimized for mobile and battery-operated devices.
4. **Tri-state Function**: Often includes an Enable/Disable pin, allowing the output to be turned off to save power without powering down the entire system.
---
### ## Common Applications
* **Wireless Communication**: Base stations, repeaters, and point-to-point radio.
* **GPS/GNSS**: High-precision timing for satellite navigation.
* **Networking**: Synchronous Ethernet and high-speed routers.
* **Test Equipment**: Frequency counters and synthesizers.
- ⤷
What is the exact output frequency for your specific MHO+74TFD-R unit?
- ⤷ Do you need the pinout diagram for the 7.0x5.0mm package?
- ⤷ Are you looking for a direct equivalent from a different manufacturer like Rakon or TXC?