MHO+74TBD-R
AI

The **MHO+74TBD-R** is a specific high-performance crystal oscillator manufactured by **MtronPTI**. It belongs to the MHO+ series, which is known for providing high-frequency stability in a compact, industry-standard package.
---
### ## 1. Technical Specifications
The part number follows a specific nomenclature. Below is a breakdown of the technical characteristics typically associated with this model:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | XO (Crystal Oscillator) |
| **Logic Type** | HCMOS/TTL |
| **Supply Voltage ($V_{dd}$)** | 5.0 VDC (Standard for MHO series) |
| **Frequency Range** | Typically 1.0 MHz to 100 MHz (Part specific) |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **Package Style** | 14-pin DIP (Half-size or Full-size compatible) |
| **RoHS Status** | Compliant (Indicated by "-R") |
---
### ## 2. Pin Configuration
The MHO+ series usually utilizes a 4-pin connection within a 14-pin DIP footprint to ensure mechanical stability and heat dissipation.
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **Pin 1** | N/C or E/D | No Connection or Output Enable/Disable |
| **Pin 7** | GND | Case Ground / Negative Supply |
| **Pin 8** | Output | Square Wave Output (HCMOS/TTL) |
| **Pin 14** | $V_{cc}$ | +5.0V Positive Supply Voltage |
---
### ## 3. Key Features
* **Tight Stability:** Designed for applications requiring low jitter and high frequency accuracy over a wide temperature range.
* **Tri-state Output:** Often includes an Enable/Disable function on Pin 1, allowing the output to go into a high-impedance state for testing or power saving.
* **Through-Hole Design:** The DIP package is ideal for robust industrial equipment where surface-mount components might be prone to mechanical stress.
* **Hermetically Sealed:** The metal casing provides excellent EMI shielding and protection against environmental moisture.
---
### ## 4. Common Applications
Due to its reliability, the MHO+74TBD-R is commonly found in:
1. **Industrial Controls:** PLCs and automation timing.
2. **Networking:** Base stations and data communication hubs.
3. **Legacy Computing:** Replacement parts for older motherboards or timing circuits requiring 5V logic.
4. **Test & Measurement:** Oscilloscopes and signal generators.
- ⤷
What is the phase jitter specification for the MHO+ series?
- ⤷ Can this oscillator be used in a 3.3V system without a level shifter?
- ⤷ What are the specific frequency stability options for the 'T' grade in this part number?