MHO+73TBD-R
AI

The **MHO+73TBD-R** is a specific part number belonging to a series of **Crystal Oscillators**, typically manufactured by companies like **MtronPTI**. These components are critical for providing a stable clock signal in electronic circuits.
---
### 1. Part Number Breakdown
While specific prefixes can vary slightly by manufacturer, the code generally follows this logic:
| Segment | Description | Typical Specification |
| :--- | :--- | :--- |
| **MHO** | Series Name | Metal Hybrid Oscillator (14-pin DIP or similar) |
| **+** | RoHS Compliance | Indicates Lead-Free/RoHS compliant status |
| **7** | Operating Voltage | Often indicates 5.0V or 3.3V (Check datasheet) |
| **3** | Stability/Temp | Defines frequency stability (e.g., ±50ppm or ±100ppm) |
| **TBD** | Frequency/Custom | Often a placeholder for the specific MHz frequency |
| **-R** | Packaging | Tape & Reel or RoHS specific suffix |
---
### 2. Key Technical Specifications
Based on the standard **MHO series** architecture, these parts typically feature the following characteristics:
* **Package Type:** Through-hole (DIP) 14-pin or 8-pin metal canister package.
* **Output Logic:** HCMOS/TTL compatible.
* **Frequency Range:** Usually spans from 1.000 MHz to over 150.000 MHz.
* **Duty Cycle:** Generally 40/60% or 45/55%.
* **Startup Time:** Fast startup (typically <10ms) to ensure the system boots correctly.
---
### 3. Functional Pinout
For a standard 14-pin DIP package (where only 4 pins are usually active), the configuration is typically:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 1 | NC or E/D | No Connection or Tri-state Enable/Disable |
| 7 | GND | Ground connection |
| 8 | Output | The generated clock signal (Square wave) |
| 14 | Vcc | Power supply input |
---
### 4. Typical Applications
The MHO+ series is used in "legacy" or industrial hardware where through-hole mounting is preferred over Surface Mount Technology (SMT):
1. **Industrial Controls:** Reliability in high-interference environments.
2. **Embedded Systems:** Providing master clocks for Microcontrollers (MCUs).
3. **Networking Equipment:** Timing for data transmission.
4. **Test & Measurement:** Stable reference signals for lab equipment.
---
- ⤷
What is the exact operating frequency of your specific unit?
- ⤷ Do you need the Pin 1 Tri-state truth table for this oscillator?
- ⤷ Are you looking for a modern SMT equivalent to replace this part?