MHO+73FAAD-R
AI

The part number **MHO+73FAAD-R** refers to a high-precision **Crystal Oscillator** manufactured by MtronPTI. These components are essential in electronic circuits for generating stable clock signals.
---
### 1. Technical Specifications
Below is a breakdown of the key electrical and physical characteristics of this specific series:
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | XO (Crystal Oscillator) |
| **Package Style** | 5x7 mm Surface Mount (SMD) |
| **Output Type** | HCMOS / TTL Compatible |
| **Operating Voltage** | 3.3 V (Standard for '7' series) |
| **Frequency Stability** | Typically ±25ppm to ±100ppm (depending on suffix) |
| **Pin Count** | 4-Pin or 6-Pin configuration |
| **RoHS Status** | Compliant (indicated by -R) |
---
### 2. Part Number Breakdown
The alphanumeric code follows a specific nomenclature used by MtronPTI:
* **MHO:** Identifies the product family (High-frequency, Metal/Ceramic Package).
* **+:** Usually indicates a specific lead-free or specialized process enhancement.
* **7:** Represents the **3.3V** supply voltage.
* **3:** Corresponds to the stability/temperature range code.
* **FAAD:** These are internal factory codes representing the specific **Output Frequency** and symmetry requirements.
* **-R:** Indicates **RoHS Compliance** (Restriction of Hazardous Substances).
---
### 3. Functional Role in a Circuit
The MHO+73FAAD-R acts as the "heartbeat" of an electronic system. Its primary functions include:
1. **Clock Generation:** Providing a consistent square wave frequency to microprocessors or FPGAs.
2. **Timing Synchronization:** Ensuring that data transmission between different components happens at the exact same time.
3. **Frequency Reference:** Used in radio communication to maintain a specific carrier frequency.
---
### 4. Typical Applications
* **Networking:** Routers, switches, and fiber-optic modules.
* **Industrial:** Process control systems and embedded computing.
* **Data Storage:** RAID controllers and SSD interfaces.
* **Consumer Electronics:** High-definition video equipment and digital audio interfaces.
- ⤷
What is the exact output frequency of the FAAD suffix?
- ⤷ Can this oscillator be used in 5V logic systems?
- ⤷ What are the common alternatives to the MtronPTI MHO series?