MHO+72TGD-R
AI

The **MHO+72TGD-R** is a high-performance **Crystal Oscillator** (specifically an XO - Clock Oscillator) manufactured by **MtronPTI**. It is designed for applications requiring high reliability, stability, and a specific frequency output.
---
### 1. Key Technical Specifications
The part number follows a specific nomenclature that defines its electronic characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Frequency Range** | Typically available from 1.5 MHz to 155.52 MHz |
| **Output Type** | CMOS / TTL Compatible |
| **Supply Voltage (Vcc)** | +5.0 VDC (Standard) |
| **Frequency Stability** | ±100 ppm (Standard for the '72' series) |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **Package Style** | 14-pin DIP (Full size) or 8-pin DIP (Half size) equivalent |
| **RoHS Status** | RoHS Compliant (indicated by the 'R' suffix) |
---
### 2. Electronic Components & Internal Structure
Inside the metal housing, the MHO+72TGD-R consists of several critical sub-components:
1. **Quartz Crystal Blank:** The heart of the device. It is a precision-cut piece of quartz that vibrates at a specific frequency when an electrical field is applied (Piezoelectric effect).
2. **Oscillator IC:** An integrated circuit that provides the necessary gain to maintain the oscillation and includes a buffer stage for the output signal.
3. **Bypass Capacitor:** Internal capacitance to filter noise from the power supply line.
4. **Hermetic Seal:** The metal "can" package is resistance-welded to protect the internal quartz and circuitry from moisture and atmospheric contaminants.
---
### 3. Pin Configuration (14-Pin Full Size)
The device typically utilizes 4 active pins in a standard 14-pin footprint:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | N/C or Tri-state | No connection or Output Enable/Disable |
| **7** | GND | Case and Circuit Ground |
| **8** | Output | The generated clock signal (Square wave) |
| **14** | +Vcc | Positive Power Supply (+5V) |
---
### 4. Applications
The MHO+72TGD-R is used in circuits where a stable "heartbeat" or timing reference is required:
* **Networking:** Routers, switches, and modems.
* **Industrial Control:** Programmable Logic Controllers (PLCs).
* **Legacy Computing:** Motherboards or embedded systems requiring 5V logic.
* **Test Equipment:** Oscilloscopes and signal generators.
- ⤷
What is the difference between the 14-pin and 8-pin versions of this oscillator?
- ⤷ How does the Tri-state function on Pin 1 operate?
- ⤷ Can this oscillator be used in a 3.3V circuit safely?